Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84C Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver (Rising Edge Strobe Output)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THC63LVDR84C Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
5
THine Electronics, Inc.
Security E
Power Consumption
Over recommended operating supply and temperature range unless otherwise specified
Symbol
Parameter
Conditions
Typ*
Max
Unit
IRCCG
LVDS Receiver Operating Current
Gray Scale Pattern 16 (Fig.4)
CL=8pF, PCLK=65MHz,
VCC33=3.3V
55
70
mA
CL=8pF, PCLK=112MHz,
VCC33=3.3V
90
110
mA
IRCCW
LVDS Receiver Operating Current
Worst Case Pattern(Fig.5)
CL=8pF, PCLK=65MHz,
VCC33=3.3V
90
110
mA
CL=8pF, PCLK=112MHz,
VCC33=3.3V
130
160
mA
IRCCS
LVDS Receiver
Power Down Current
/PDWN=L
-
500
µA
*Typ values are at the conditions of Ta = +25ºC
Table 5. Power Consumption
16 Grayscale Pattern
CLKOUT
RA3, RB4, RC5
RA2, RB3, RC4
RA1, RB2, RC3
RA0, RB1, RC2
TA4-6, TB0/5/6
TC0/1/6, TD0-2
TD3-6
Steady State Low
Steady State High
Figure 4. 16 Grayscale Pattern
Worst Case Pattern
CLKOUT
Rx0-6
X=A,B,C,D
Figure 5. Worst Case Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com