Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9822 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9822 Datasheet HTML 1Page - National Semiconductor (TI) LM9822 Datasheet HTML 2Page - National Semiconductor (TI) LM9822 Datasheet HTML 3Page - National Semiconductor (TI) LM9822 Datasheet HTML 4Page - National Semiconductor (TI) LM9822 Datasheet HTML 5Page - National Semiconductor (TI) LM9822 Datasheet HTML 6Page - National Semiconductor (TI) LM9822 Datasheet HTML 7Page - National Semiconductor (TI) LM9822 Datasheet HTML 8Page - National Semiconductor (TI) LM9822 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
www.national.com
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
Internal Reference Characteristics
VREFMID
Mid Reference Output Voltage
2.5
V
VREF+ OUT
Positive Reference Output Voltage
3.5
V
VREF- OUT
Negative Reference Output Voltage
1.5
V
∆V
REF
Differential Reference Voltage
VREF+ OUT - VREF- OUT
2.0
V
System Characteristics (In units of 12 bit LSBs) (see section 5.1, Internal Offsets)
C
Analog Channel Gain Constant
(ADC Codes/V)
Includes voltage reference
variation, gain setting = 1
2107
1934
2281
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CCD Mode
17.3
-61
+94
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CIS Mode
27
-49
+103
LSB (min)
LSB (max)
VOS2
Pre-PGA Analog Channel Offset Error
-40
-124
+44
LSB (min)
LSB (max)
VOS3
Post-PGA Analog Channel Offset Error
-38
-130
+55
LSB (min)
LSB (max)
DC and Logic Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=+5.0VDC, VD=+3.0 or +5.0VDC, fMCLK=12MHz. Boldface limits apply
for TA=TJ=TMIN to TMAX; all other limits A=TJ=25°C. (Notes 7& 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
SCLK, SDI, SEN, MCLK, VSMP,CLMP Digital Input Characteristics
VIN(1)
Logical “1” Input Voltage
VA=5.25V
2.0
V (max)
VIN(0)
Logical “0” Input Voltage
VA=4.75V
0.8
V (min)
IIN
Input Leakage Current
VIN=VA
VIN=DGND
0.1
-0.1
µA(max)
µA(max)
CIN
Input Capacitance
5
pF
D0-D7 Digital Output Characteristics
VOUT(1)
Logical “1” Output Voltage
IOUT=-360µA
0.8*VD
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT=1.6mA
0.2*VD
V (max)
Power Supply Characteristics
IA
Analog Supply Current
Operating
75
108
mA (max)
Power Down
675
900
µA (max)
ID
Digital Supply Current (Note 15)
Operating
210
475
µA (max)
Power Down
2
25
µA (max)
Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=0V, VA=+5.0VDC, VD=+3.0 or +5.0VDC, fMCLK=12MHz. Boldface limits apply
for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7, 8, 12 & 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com