Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9822 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9822 Datasheet HTML 3Page - National Semiconductor (TI) LM9822 Datasheet HTML 4Page - National Semiconductor (TI) LM9822 Datasheet HTML 5Page - National Semiconductor (TI) LM9822 Datasheet HTML 6Page - National Semiconductor (TI) LM9822 Datasheet HTML 7Page - National Semiconductor (TI) LM9822 Datasheet HTML 8Page - National Semiconductor (TI) LM9822 Datasheet HTML 9Page - National Semiconductor (TI) LM9822 Datasheet HTML 10Page - National Semiconductor (TI) LM9822 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
www.national.com
Typical Performance Characteristics
Full Channel DNL and INL
(Divide by 2, Monochrome Mode, 6 MHz Pixel Rate)
Note: The LM9822 provides 14-bit data for high resolution imaging applications. The typical full channel device performance is shown
in the above graphs. In many applications, particularly those where high speed is important, or where lower cost CCD and CIS sensors
are used, the signal source is only accurate to 12 bits. In these applications, only 12-bit of data may be used. 12-bit DNL and INL plots
have also been provided to illustrate the performance of the LM9822 in these applications.
Typical 12 Bit DNL
-1
-0.5
0
0.5
1
1.5
2
0
1024
2048
3072
4096
OutputCode
LSB
Typical 12 Bit INL
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
1024
2048
3072
4096
Output Code
LSB
Typical 14 Bit DNL
-1
-0.5
0
0.5
1
1.5
2
0
4096
8192
12288
16384
OutputCode
LSB
Typical 14 Bit INL
-15
-10
-5
0
5
10
0
4096
8192
12288
16384
OutputCode
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com