Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9822 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM9822 Datasheet HTML 12Page - National Semiconductor (TI) LM9822 Datasheet HTML 13Page - National Semiconductor (TI) LM9822 Datasheet HTML 14Page - National Semiconductor (TI) LM9822 Datasheet HTML 15Page - National Semiconductor (TI) LM9822 Datasheet HTML 16Page - National Semiconductor (TI) LM9822 Datasheet HTML 17Page - National Semiconductor (TI) LM9822 Datasheet HTML 18Page - National Semiconductor (TI) LM9822 Datasheet HTML 19Page - National Semiconductor (TI) LM9822 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
www.national.com
Typical Gain Values
B5
(x3)
0
0
0
• • •
0
0
0
• • •
1
1
1
• • •
1
1
1
B4
(MSB)
0
0
0
• • •
1
1
1
• • •
0
0
0
• • •
1
1
1
B3
0
0
0
• • •
1
1
1
• • •
0
0
0
• • •
1
1
1
B2
0
0
0
• • •
1
1
1
• • •
0
0
0
• • •
1
1
1
B1
0
0
1
• • •
0
1
1
• • •
0
0
1
• • •
0
1
1
B0
(LSB)
0
1
0
• • •
1
0
1
• • •
0
1
0
• • •
1
0
1
Typical Gain
(V/V)
0.93
1.00
1.07
• • •
2.87
2.93
3.00
• • •
2.79
3.00
3.20
• • •
8.60
8.80
9.00
Color Mode (7)
Color Mode
B1
0
0
1
1
B0
0
1
0
1
Color
Monochrome - Red
Monochrome - Green
Monochrome - Blue
Reserved Register 0 (8)
Reserved Register 0
0 0 0 0 0 0 0 0
Reserved, always set to 00h.
Reserved Register 1 (9)
Reserved Register 1
0 0 0 1 0 0 0 0
Reserved, always set to 10h.
Reserved Register 2 (A)
Reserved Register 2
0 0 0 0 0 0 0 0
Reserved, always set to 00h.
Table 2: Configuration Register Parameters (Continued)
Power-Up Default Register Settings are shown in
Bold Italics
Parameter
(Address)
Control Bits
Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com