Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9822 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9822 Datasheet HTML 1Page - National Semiconductor (TI) LM9822 Datasheet HTML 2Page - National Semiconductor (TI) LM9822 Datasheet HTML 3Page - National Semiconductor (TI) LM9822 Datasheet HTML 4Page - National Semiconductor (TI) LM9822 Datasheet HTML 5Page - National Semiconductor (TI) LM9822 Datasheet HTML 6Page - National Semiconductor (TI) LM9822 Datasheet HTML 7Page - National Semiconductor (TI) LM9822 Datasheet HTML 8Page - National Semiconductor (TI) LM9822 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
www.national.com
General Description
The LM9822 is a high performance Analog Front End (AFE) for
image sensor processing systems. It performs all the analog and
mixed signal functions (correlated double sampling, color spe-
cific gain and offset correction, and analog to digital conversion)
necessary to digitize the output of a wide variety of CIS and
CCD sensors. The LM9822 has a 14 bit 6MHz ADC.
Features
• 6 million pixels/s conversion rate
• Digitally programmed gain and offset for red, green and blue
color balancing
• Correlated Double Sampling for lowest noise from CCD
sensors
• Compatible with CCD and CIS type image sensors
• InternalVoltage Reference Generation
• TTL/CMOS compatible input/output
Key Specifications
• Output Data Resolution
14 Bits
• Pixel Conversion Rate
6MHz
• Analog Supply Voltage
5V±5%
• I/O Supply Voltage
3.3V±10% or 5V±5%
• Power Dissipation (typical)
375mW
Applications
• Color Flatbed Document Scanners
• Color Sheetfed Scanners
• Multifunction Imaging Products
• Digital Copiers
• General Purpose Linear Array Imaging
LM9822 3 Channel 42-Bit Color Scanner Analog Front End
Connection Diagram
LM9822
28 pin
SOIC
SCLK
SDI
SEN
D2
D0
VD
DGND
D4
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
23
22
21
24
25
26
27
28
D7
D6
D5
MCLK
VA
VA
VREF-
OSB
OSG
CLMP
OSR
VREF+
AGND
AGND
VSMP
SDO
VREFMID
VBANDGAP
D3
D1
May 1999
N
©1999 National Semiconductor Corporation
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Ordering Information
Notes:
1 - Rail transport media, 26 parts per rail, 2 - Tape and reel transport media, 1000 parts per reel
Temperature Range
0°C
≤ T
A ≤ +70°C
NS Package
Number
Order Number
Device Marking
LM9822CCWM1
LM9822CCWMX2
LM9822CCWM
LM9822CCWM
M28B
M28B


Similar Part No. - LM9822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9822CCWM TI1-LM9822CCWM Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
LM9822CCWM/NOPB TI1-LM9822CCWM/NOPB Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
LM9822CCWM1 TI1-LM9822CCWM1 Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
LM9822CCWMX/NOPB TI1-LM9822CCWMX/NOPB Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
LM9822CCWMX2 TI1-LM9822CCWMX2 Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
More results

Similar Description - LM9822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9831 NSC-LM9831 Datasheet
320Kb / 41P
LM9831 42-Bit Color, 1200dpi USB Image Scanner
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
LM9832 42-Bit Color, 1200dpi USB Image Scanner
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
National Semiconductor ...
LM9823 NSC-LM9823 Datasheet
239Kb / 22P
LM9823 3 Channel 48-Bit Color Scanner Analog Front End
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
LM9822 TI1-LM9822_14 Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
3 Channel, 16-Bit, 81 MSPS Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com