Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9822 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM9822 Datasheet HTML 9Page - National Semiconductor (TI) LM9822 Datasheet HTML 10Page - National Semiconductor (TI) LM9822 Datasheet HTML 11Page - National Semiconductor (TI) LM9822 Datasheet HTML 12Page - National Semiconductor (TI) LM9822 Datasheet HTML 13Page - National Semiconductor (TI) LM9822 Datasheet HTML 14Page - National Semiconductor (TI) LM9822 Datasheet HTML 15Page - National Semiconductor (TI) LM9822 Datasheet HTML 16Page - National Semiconductor (TI) LM9822 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
www.national.com
Table 1: Configuration Register Address Table
Address
(Binary)
Register Name and Bit Definitions
A3
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
00
00
Sample Mode (Power Up Default = 62h)
I/O Mode
DOE
CDS
Polarity
SMPCL
CDSREF1 CDSREF0
PD
00
01
Red Offset Setting (Power Up Default = 00h)
N/A
N/A
Polarity
MSB
LSB
00
10
Green Offset Setting (Power Up Default = 00h)
N/A
N/A
Polarity
MSB
LSB
00
11
Blue Offset Setting (Power Up Default = 00h)
N/A
N/A
Polarity
MSB
LSB
01
00
Red Gain Setting (Power Up Default = 00h)
N/A
N/A
x3
MSB
LSB
01
01
Green Gain Setting (Power Up Default = 00h)
N/A
N/A
x3
MSB
LSB
01
10
Blue Gain Setting (Power Up Default = 00h)
N/A
N/A
x3
MSB
LSB
01
11
Color Mode (Power Up Default = 00h)
N/A
N/A
N/A
N/A
N/A
N/A
CM1
CM0
10
00
Test Register 0 (Power Up Default = 00h)
0000
0000
10
01
Test Register 1 (Power Up Default = 10h)
0001
0000
10
10
Test Register 2 (Power Up Default = 00h)
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com