Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9833 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM9833 Datasheet HTML 4Page - National Semiconductor (TI) LM9833 Datasheet HTML 5Page - National Semiconductor (TI) LM9833 Datasheet HTML 6Page - National Semiconductor (TI) LM9833 Datasheet HTML 7Page - National Semiconductor (TI) LM9833 Datasheet HTML 8Page - National Semiconductor (TI) LM9833 Datasheet HTML 9Page - National Semiconductor (TI) LM9833 Datasheet HTML 10Page - National Semiconductor (TI) LM9833 Datasheet HTML 11Page - National Semiconductor (TI) LM9833 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
www.national.com
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional,
but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND=AGND=DGND=0V, unless otherwise specified.
Note 3: When the input voltage (VIN) at any pin exceeds the power supplies (VIN<GND or VIN>VA or VD), the current at that pin should be limited to 25mA. The 50mA
maximum package input current rating limits the number of pins that can simultaneously safely exceed the power supplies with an input current of 25mA to two.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, ΘJA and the ambient temperature, TA. The maximum allow-
able power dissipation at any temperature is PD = (TJmax - TA) / ΘJA. TJmax = 150°C for this device. The typical thermal resistance (ΘJA) of this part when board mounted
is 53°C/W
.
Note 5: Human body model, 100pF capacitor discharged through a 1.5k
Ω resistor. Machine model, 200pF capacitor discharged through a 0Ω resistor.
Note 6: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in any National Semiconductor Linear
Data Book for other methods of soldering surface mount devices.
Note 7: Two diodes clamp the OS analog inputs to
AGND and VA as shown below. This input protection, in combination with the external clamp capacitor and the output
impedance of the sensor, prevents damage to the LM9833 from transients during power-up.
Note 8: For best performance, it is required that all supply pins be powered from the same power supply with separate bypass capacitors at each supply pin.
Note 9: Typicals are at TJ=TA=25°C, fCRYSTAL IN = 48MHz, and represent most likely parametric norm.
Note 10: Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Note 11: Integral linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that best fits the actual transfer function of the ADC.
Note 12: VREF is defined as the CCD OS voltage for the reference period following the reset feedthrough pulse. VWHITE is defined as the peak CCD pixel output voltage for
a white (full scale) image with respect to the reference level, VREF . VRFT is defined as the peak positive deviation above VREF of the reset feedthrough pulse. The maximum
correctable range of pixel-to-pixel VWHITE variation is defined as the maximum variation in VWHITE (due to PRNU, light source intensity variation, optics, etc.) that the
LM9833 can correct for using its internal PGA.
Note 13:
PGA Gain Error is the maximum difference between the measured gain for any PGA code and the ideal gain calculated by using the formula
where
.
Note 14: DNL, INL, and Power Supply Current are specified at the 80% Bias Current Setting (Register 9). This is the maximum recommended Bias Current setting, and
gives the best analog performance as well as lower power consumption for USB-bus powered applications.
AC Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=VDRAM=+5.0VDC unless otherwise noted,
fCRYSTAL IN= 48MHz, MCLK DIVIDER = 1.0 (unless otherwise noted), fMCLK = fCRYSTAL IN/MCLK DIVIDER, fADC CLK = fMCLK/8,
CL (databus loading) = 20pF/pin. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 8, 9, & 10)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
DRAM Timing (Figure 1)
tRD SETUP
Data valid to RD rising edge
VDRAM=5.0V
VDRAM=3.3V
26
35
ns (min)
ns (min)
tRD HOLD
Data valid after RD rising edge
0
ns (min)
tWR SETUP
Data valid before WR falling edge
5
ns (min)
tWR HOLD
Data valid after WR rising edge
10
ns (min)
OS Input
AGND
VA
To Internal
Circuitry
VWHITE
VREF
VRFT
CCD Output Signal
Gain
PGA
V
V
----


G
0
X
PGA code
32
---------------------------
+
=X
G
31
G
0
–
()32
31
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com