Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9833 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM9833 Datasheet HTML 9Page - National Semiconductor (TI) LM9833 Datasheet HTML 10Page - National Semiconductor (TI) LM9833 Datasheet HTML 11Page - National Semiconductor (TI) LM9833 Datasheet HTML 12Page - National Semiconductor (TI) LM9833 Datasheet HTML 13Page - National Semiconductor (TI) LM9833 Datasheet HTML 14Page - National Semiconductor (TI) LM9833 Datasheet HTML 15Page - National Semiconductor (TI) LM9833 Datasheet HTML 16Page - National Semiconductor (TI) LM9833 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13
www.national.com
SENSOR CONTROL SETTINGS
0C
Ø1 Polarity
0 Positive
1 Negative
Ø2 Polarity
0
Positive
1
Negative
RS Polarity
0
Positive
1
Negative
CP1 Polarity
0
Positive
1
Negative
CP2 Polarity
0
Positive
1
Negative
TR1 Polarity
0
Positive
1
Negative
TR2 Polarity
0
Positive
1
Negative
0D
Ø1 Active/Off
0Off
1Active
Ø2 Active/Off
0Off
1Active
RS Active/Off
0Off
1Active
CP1 Active/Off
0Off
1Active
CP2 Active/Off
0Off
1Active
TR1 Active/Off
0Off
1Active
TR2 Active/Off
0Off
1Active
Number of TR Pulses
01 TR Pulse
12 TR Pulses
0E
TR Pulse Duration
nnnnn+1 pixel periods (1-16)
TR-Ø1 Guardband Duration
n n n n
n pixel periods (0-15)
0F
Optical Black Clamp Start
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
10
Optical Black Clamp End
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
11
Reset Pulse Start
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
12
Reset Pulse Stop
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
13
CP1 Pulse Start
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
14
CP1 Pulse Stop
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
15
CP2 Pulse Start
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
16
CP2 Pulse Stop
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
17
Reference Sample Position
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
18
Signal Sample Position
nnnnn pixel rate: n=0-23, line rate: n=0-7 MCLKs from Ø1 edge
INTEGRATION TIME ADJUST
19
Integration Time Adjustment Function
nn nnnnn tREADOUT = n*tINT, n = 1 to 127. n=0 turns off function.
STEPPER PHASE CORRECTION
1A
TR to Stepper Phase Correction - MSB
n nnnnn
First step of scan occurs n pixels (1 - 16383) after first
TR pulse. This register can be used to set the phase
between the TR pulses and the stepper motor pulses.
NOTE: a setting of n = 0 creates the maximum delay
(16384) pixels, which will increase scan time. If this
function is not used, this register should be set to 1.
1B
TR to Stepper Phase Correction - LSB
nnn nnnnn
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value
Register Listing (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com