Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9833 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM9833 Datasheet HTML 17Page - National Semiconductor (TI) LM9833 Datasheet HTML 18Page - National Semiconductor (TI) LM9833 Datasheet HTML 19Page - National Semiconductor (TI) LM9833 Datasheet HTML 20Page - National Semiconductor (TI) LM9833 Datasheet HTML 21Page - National Semiconductor (TI) LM9833 Datasheet HTML 22Page - National Semiconductor (TI) LM9833 Datasheet HTML 23Page - National Semiconductor (TI) LM9833 Datasheet HTML 24Page - National Semiconductor (TI) LM9833 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
www.national.com
Applications Information
1.0 OVERVIEW
The LM9833 is a USB, 1200dpi, 16 bit (48 bit color) scanner-on-
a-chip. The LM9833 is an improved, 16 bit version of the
LM9831, providing all of the LM9831’s functionality while improv-
ing performance and adding several new features. See 12.0
CHANGES FROM THE LM9831 for a complete list of additions
and enhancements.
2.0 ANALOG SIGNAL PROCESSING
One channel of the LM9833’s analog front end is shown in Figure
3. The gain through each channel can be set between 0.93V/V
and 9.0V/V using registers 3B, 3C, and 3D. The offset DAC pro-
vides up to ±278mV of offset correction using registers 38, 39,
and 3A. The offset DAC and gain stages should be adjusted dur-
ing coarse calibration so that the input signal is a maximum of
1.9Vp-p at the ADC input.
3.0 DIGITAL SIGNAL PROCESSING
3.1 ADC
The digital pixel data comes from a 6MHz 16 bit pipelined ADC.
3.2 Pixel Processing Block
The Pixel Processing stage is used to digitally reduce the optical
resolution of the sensor. The optical resolution can be reduced by
a factor of 1, 1.5, 2, 3, 4, 6, 8, or 12. For a 1200 dpi (optical) sys-
tem, this would produce resolutions of 1200, 800, 600, 400, 300,
200, 150, and 100. A 600 dpi (optical) system would be capable
of 600, 400, 300, 200, 150, 100, 75, and 50 dpi. (Resolution in the
vertical direction is controlled by the stepper motor speed.)
Horizontal resolution reduction is accomplished by averaging
adjacent pixels. Averaging produces better image quality and
reduces aliasing versus the traditional technique of simply dis-
carding pixels to reduce resolution. For example, to get 100 dpi
from a 300dpi optical sensor, you would average 3 300dpi pixels:
The number of pixels coming out of the Pixel Processing block is
equal to the integer portion of the number of pixels going in to the
Pixel Processing block divided by the “Divide By” setting, from the
table shown in Figure 4.
This equation also applies to the divide by 1.5 function.
If there are not enough pixels at the end of a line to form a com-
plete pixel, the last pixel will be eliminated. For example, if a line
is 35 pixels wide and the Horizontal DPI setting is set to divide by
6, then the output of the Pixel Processing block will be 5 pixels
(the integer portion of 35/6). The last 5 pixels will be discarded,
since 6 pixels would be required to form a new pixel in this mode.
The output of this stage is sent to the Pixel Rate Offset Correction
Block.
3.3 Pixel Rate Offset Correction Block
Offset correction words for every pixel of the CCD are stored in
Figure 3: Analog Front End (AFE) Model
VDAC
DAC
Offset
GPGA
Σ
+
+
16 Bit
ADC
+
+
+
+
VOS3
VOS2
Σ
Σ
DOUT
GB
+
+
VOS1
VIN
Σ
Gain Boost
1V/V or
3V/V
PGA
0.93V/V to
3V/V
DOUT = (((VIN + VOS1)GB + VDAC + VOS2)GPGA + VOS3)C
simplified, with all offsets = 0, this is:
DOUT = (VINGB + VDAC)GPGAC
C is a constant that combines the gain error through the AFE, reference voltage variance, and analog voltage
to digital code conversion into one constant. Ideally, C = 32768 codes/V.
Manufacturing tolerances widen the range of C. See Electrical Specifications.
Divide
By
DPI
(1200
DPI
system)
DPI
(800
DPI
system)
DPI
(600
DPI
system)
DPI
(300
DPI
system)
1
1200
800
600
300
1.5
800
533
400
200
2
600
400
300
150
3
400
267
200
100
4
300
200
150
75
6
200
133
100
50
8
150
100
75
37.5
12
100
67
50
25
Figure 4: Decreasing Horizontal Resolution
pixel
100dpi
p
n-2
p
n-1
p
n
++
3
--------------------------------------------
=
Pixels
OUT
INT
Pixels
IN
Divide By
-------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com