Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9833 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9833 Datasheet HTML 1Page - National Semiconductor (TI) LM9833 Datasheet HTML 2Page - National Semiconductor (TI) LM9833 Datasheet HTML 3Page - National Semiconductor (TI) LM9833 Datasheet HTML 4Page - National Semiconductor (TI) LM9833 Datasheet HTML 5Page - National Semiconductor (TI) LM9833 Datasheet HTML 6Page - National Semiconductor (TI) LM9833 Datasheet HTML 7Page - National Semiconductor (TI) LM9833 Datasheet HTML 8Page - National Semiconductor (TI) LM9833 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
www.national.com
General Description
The LM9833 is a complete USB image scanner system on a sin-
gle IC. The LM9833 provides all the functions (image sensor
control, illumination control, analog front end, pixel processing
function image data buffer/DRAM controller, microstepping
motor controller, and USB interface) necessary to create a high
performance color scanner. The LM9833 scans images in 48 bit
color/16 bit gray, and has output data formats for 48 and 24bit
color/16 and 8 bit gray. The LM9833 supports sensors with pixel
counts of up to 16384 pixels x 3 colors (1200 dpi x 13.6 inches).
The LM9833’s low operating and suspend mode supply currents
allow design of USB bus-powered scanners. The only additional
active components required are an external 4Mbit or 16Mbit
DRAM for data buffering and power transistors for the stepper
motor.
Applications
• Color Flatbed Document Scanners
• Color Sheetfed Document Scanners
Key Specifications
• Analog to Digital Converter Resolution
16 Bits
• Maximum Pixel Conversion Rate
6MHz
• A4 Color 150dpi scan time
<10 seconds
• A4 Color 300dpi scan time
<40 seconds
• A4 Color 600dpi scan time
<160 seconds
• Supply Voltage
- LM9833
+4.75V to +5.25V
- LM9833 DRAM I/O
+2.85 to +5.25V
• Maximum Operating Current Consumption
136mA
• Maximum Suspend Current Consumption
175µA
Features
• 16 bit ADC digitizes at up to 6Mpixels/s (2M RGB pixels/sec).
• Digital Pixel Processing provides 1200, 800, 600, 400, 300,
200, 150, and 100dpi horizontal resolution from a 1200dpi
sensor and 600, 400, 300, 200, 150, 100, 75, and 50dpi
horizontal resolution from a 600dpi sensor.
• Provides 50-2400dpi vertical resolution in 1 dpi increments.
• Pixel rate error correction for gain (shading) and offset errors.
• Supports 4 or 16Mbit external DRAMs.
• Multiple CCD clocking rates allows matching of CCD clock to
scan resolution and pixel depth for maximum scan speed.
• Stepper motor control tightly coupled with image data buffer
management to maximize data transfer efficiency.
• PWM stepper motor current control allows microstepping for
the price of fullstepping.
• USB interface for Plug and Play operation on USB-equipped
computers.
• Serial EEPROM option for custom Vendor and Product IDs.
• Support for USB bus-powered operation.
• Pixel depths of 1, 2, or 4 bits are packed into bytes for faster
scans of line art and low pixel depth images.
• Supports 3 channel CCDs and 1 channel CIS sensors.
• 3 (R, G, and B) 12-bit, user-programmable gamma correction
tables.
• Compatible with a wide range of color linear CCDs and
Contact Image Sensors (CIS).
• Operates with 48MHz external crystal.
• Internal bandgap voltage reference.
• 100 pin TQFP package
LM9833 48-Bit Color, 1200dpi USB Image Scanner
CCD/CIS
Illumination
+12V
Stepper
Motor
1-3
1-3
2-6
Power
Transistors
DRAM
30
LM9833CCVJD
USB
Port
2
48MHz Crystal
Serial
EEPROM
2
8MISC
I/O
LM9833 Scanner System Block Diagram
Ordering Information
Commercial (0°C
≤ T
A ≤ +70°C)
Package
LM9833CCVJD
VJD100A 100 Pin Thin Quad Flatpac
©2000 National Semiconductor Corporation
October 2001


Similar Part No. - LM9833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9833 TI1-LM9833 Datasheet
690Kb / 44P
48-Bit Color, 1200dpi USB Image Scanner
LM9833CCVJD/NOPB TI1-LM9833CCVJD/NOPB Datasheet
690Kb / 44P
48-Bit Color, 1200dpi USB Image Scanner
More results

Similar Description - LM9833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9830 NSC-LM9830 Datasheet
566Kb / 45P
LM9830 36-Bit Color Document Scanner
LM9831 NSC-LM9831 Datasheet
320Kb / 41P
LM9831 42-Bit Color, 1200dpi USB Image Scanner
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
LM9832 42-Bit Color, 1200dpi USB Image Scanner
logo
Sanyo Semicon Device
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
Color Image Processing IC for Fax and Scanner Applications
logo
National Semiconductor ...
LM9823 NSC-LM9823 Datasheet
239Kb / 22P
LM9823 3 Channel 48-Bit Color Scanner Analog Front End
logo
Rohm
IA1208-FE10A ROHM-IA1208-FE10A Datasheet
77Kb / 6P
Color image sensor heads for High-speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
Color Contact Image Sensor Heads for High-speed Scanner
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
Color Contact Image Sensor Heads for High-Speed Scanner
logo
Texas Instruments
LM9822 TI1-LM9822_14 Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
LM9833 TI1-LM9833 Datasheet
690Kb / 44P
48-Bit Color, 1200dpi USB Image Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com