Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9833 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM9833 Datasheet HTML 7Page - National Semiconductor (TI) LM9833 Datasheet HTML 8Page - National Semiconductor (TI) LM9833 Datasheet HTML 9Page - National Semiconductor (TI) LM9833 Datasheet HTML 10Page - National Semiconductor (TI) LM9833 Datasheet HTML 11Page - National Semiconductor (TI) LM9833 Datasheet HTML 12Page - National Semiconductor (TI) LM9833 Datasheet HTML 13Page - National Semiconductor (TI) LM9833 Datasheet HTML 14Page - National Semiconductor (TI) LM9833 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
www.national.com
COMMAND REGISTER
07
Command Register
This register is used to start and end a scan.
It is also used to home the sensor in a
flatbed scanner or eject the image in a
sheetfed scanner. Note: Always make sure
the Command Register is in the idle state
(=0) before issuing a new command.
000
Idle - Stops motor (A, B, A, B = 0),
completes current line of data (if scanning).
Note: CCD/CIS clocks continue clocking.
001
High Speed Forward - Moves motor forward at a
speed determined by the Fast Feed Step Size
(registers 48 and 49).
010
High Speed Reverse - Moves motor backward at a
speed determined by the Fast Feed Step Size
(registers 48 and 49).
011
Start Scan - Resets the LM9833’s data pointers and
starts an image scan.
101
Programmed High Speed Forward - Moves motor
forward at a speed determined by the Fast Feed Step
Size (registers 48 and 49) for the number of lines
programmed in registers 4A and 4B.
110
Programmed High Speed Reverse - Moves motor
backward at a speed determined by the Fast Feed
Step Size (registers 48 and 49) for the number of lines
programmed in registers 4A and 4B.
Standby
When this bit is set the entire chip enters a
low power state.
Warning: A Standby command will stop
DRAM refresh.
0
Normal Operation.
1
Low Power Standby Mode.
Soft Reset
Write a 1 then a 0 to reset the LM9833’s
state machines.
Warning: A Reset will stop DRAM refresh.
0
Normal Operation.
1
Resets the LM9833. See section 10.2 Soft Reset for
instructions on using this bit.
MASTER CLOCK DIVIDER
08
MCLK Divider
This register sets the master clock frequency
for the entire scanner.
fMCLK = 48MHz/MCLK_Divider
fADC = fMCLK/8
0 00000÷1.0
0 00001÷1.5
0 00110÷4
a aaaaa÷ ((aaaaaa/2)+1)
1 11110÷32.0
1 11111÷32.5
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value
Register Listing (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com