Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R35I Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R35I
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R35I Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STK17TA8-R35I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
STK17TA8
February 2004
2
Document Control # ML0023 rev 0.3
PACKAGES
PIN DESCRIPTIONS
Pin Name
I/O
Description
A0 - A16
Input
Address: The 17 address inputs select one of 131,072 bytes in the
nvSRAM array or one of 16 bytes in the clock register map.
DQ0 -DQ7
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM array and
clock.
E
Input
Chip Enable: The active low E input selects the device.
W
Input
Write Enable: The active low W enables data on the DQ pins to be
written to the adddress location latched by the falling edge of E.
G
Input
Output Enable: The active low G input enables the data output buffers
during read cycles. Deasserting G high causes the DQ pins to tri-state.
X1, X2
Input
Crystal: Connections for 32.768 kHz crystal.
Vrtccap
Power Supply
Capacitor supplied backup RTC supply voltage.
Vrtcbat
Power Supply
Battery supplied backup RTC supply voltage.
VCCX
Power Supply
Power (+ 3V)
HSB
I/O
Hardware Store Busy (I/O)
INT
Output
Interrupt Output: Can be programmed to respond to the clock alarm,
the watchdog timer and the power monitor. Programmable to either
active high (push/pull) or active low (open-drain).
VCAP
Power Supply
Autostore Capacitor: Supplies power to nvSRAM during power loss to
store data from SRAM to nonvolatile elements.
VSS
Power Supply
Ground
48 Pin 300 mil SSOP
40 Pin 600 mil DIP
(not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com