Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R35I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R35I
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R35I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK17TA8-R35I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
February 2004
1
Document Control # ML0023 rev 0.3
STK17TA8
nvTime™ Event Data Recorder
128K x 8 AutoStore™nvSRAM
with Real-Time Clock
Product Preview
FEATURES
• Data Integrity of Simtek nvSRAM Combined
with Full-Featured Real-Time Clock
• 25ns, 35ns and 45ns Access Times
• Software or AutoStore™STORE to Quan-
tumTrap™ Nonvolatile Elements
• RECALL to SRAM Initiated by Software or
Power Restore
• Unlimited READ, WRITE and RECALL Cycles
• 100-Year Data Retention
• Watchdog Timer
• Clock Alarm with programmable Interrupts
• Capacitor or battery backup for RTC
• Single 3V +20%, -10% Operation
• Commercial and Industrial Temperatures
• Packages: 48 pin SSOP, 40 pin DIP
DESCRIPTION
The Simtek STK17TA8 combines a 1 Mbit nonvola-
tile static RAM with a full-featured real-time clock in
a reliable, monolithic integrated circuit. The embed-
ded nonvolatile elements incorporate Simtek’s
QuantumTrap™ technology producing the world’s
most reliable nonvolatile memory. The SRAM can be
read and written an unlimited number of times, while
independent, nonvolatile data resides in the nonvol-
atile elements.
The Real-Time Clock function provides an accurate
clock with leap year tracking and a programmable,
high accuracy oscillator. The Alarm function is pro-
grammable for one-time alarms or periodic seconds,
minutes, hours, or days. There is also a programma-
ble Watchdog Timer for process control.
BLOCK DIAGRAM
Quantum Trap
1024 x 1024
STORE
RECALL
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
1024 x 1024
STORE/
RECALL
CONTROL
POWER
CONTROL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
A0 - A16
G
E
W
RTC
MUX
A0 -
A16
A5
A6
A7
A8
A9
A12
A13
A14
A15
A16
A0 A1 A2 A3 A4 A10 A11
VCCX
VCAP
HSB
INT
X2
X1
Vrtcbat
Vrtccap


Similar Part No. - STK17TA8-R35I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
685Kb / 28P
128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
647Kb / 29P
128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25 CYPRESS-STK17TA8-RF25 Datasheet
787Kb / 23P
128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
685Kb / 28P
128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Similar Description - STK17TA8-R35I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
32K x 8 AutoStore nvSRAM with Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
1 Mbit (128K x 8) nvSRAM With Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
32K x 8 AutoStore nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
128k X 8 AutoStore nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com