Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R35I Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R35I
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R35I Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R35I Datasheet HTML 13Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 14Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 15Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 16Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 17Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 18Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 19Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 20Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
STK17TA8
February 2004
17
Document Control # ML0023 rev 0.3
RTC Register Map
X - resevered for future use
* - not BCD values
Register Map Detail
Register
BCD DATA
FUNCTION/RANGE
D7
D6
D5
D4
D3
D2
D1
D0
1FFFFh
10 Years
Years
Years:
00 - 99
1FFFEh
X
X
X
10s
Months
Months
Months:
01 - 12
1FFFDh
X
X
10s Day of month
Day of Month
Day of Month:01 - 31
1FFFCh
XXXXX
Day of Week
Day of Week:01 - 07
1FFFBh
X
X
10s Hours
Hours
Hours:
00 - 23
1FFFAh
X
10s Minutes
Minutes
Minutes:
00 - 59
1FFF9h
X
10s Seconds
Seconds
Seconds: 00 - 59
1FFF8h
OSCEN
X
Cal Sign
Calibration
Calibration values*
1FFF7h
WDS
WDW
WDT
Watchdog*
1FFF6h
WIE
AIE
PFE
ABE
H/L
P/L
X
X
Interrupts*
1FFF5h
M
X
10s alarm date
alarm date
Alarm, Day of the Month: 01-31
1FFF4h
M
X
10s alarm hours
alarm hours
Alarm, Hours: 00-23
1FFF3h
M
10 alarm minutes
alarm minutes
Alarm, minutes: 00-59
1FFF2h
M
10 alarm seconds
alarm seconds
Alarm, seconds: 00-59
1FFF1h
10s Centuries
Centuries
Centuries: 00 - 99
1FFF0h
WDF
AF
PF
X
X
CAL
W
R
Flags*
1FFFFh
Timekeeping - Years
D7
D6
D5
D4
D3
D2
D1
D0
10 Years
Years
Contains the lower two BCD digits of the year. Lower nibble contains the value for years; upper nibble contains the value for 10s of years.
Each nibble operates from 0 to 9. The range for the register is 0-99.
1FFFEh
Timekeeping - Months
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
10s Months
Months
Contains the BCD digits of the month. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble ( one bit) contains the
upper digit and operates from 0 to 1. The range for the register is 1-12.
1FFFDh
Timekeeping - Date
D7
D6
D5
D4
D3
D2
D1
D0
X
X
10s Day of month
Day of Month
Contains the BCD digits for the date of the month. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble contains the
upper digit and operates from 0 to 3. The range for the register is 1-31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com