Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R35I Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R35I
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R35I Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R35I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 11Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 12Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 13Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 14Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 15Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
STK17TA8
February 2004
12
Document Control # ML0023 rev 0.3
information is transferred into the SRAM cells. After
the t
RECALL cycle time the SRAM will once again be
ready for READ and WRITE operations. The RECALL
operation in no way alters the data in the nonvolatile
elements.
PREVENTING STORES
The AutoStore™ function can be disabled by initiat-
ing an AutoStore Inhibit sequence. A sequence of
read operations is performed in a manner similar to
the software STORE initiation. To initiate the
AutoStore Inihibit sequence, the following sequence
of E controlled read operations must be performed:
1. Read address
4E38 (hex)
Valid READ
2. Read address
B1C7 (hex)
Valid READ
3. Read address
83E0 (hex)
Valid READ
4. Read address
7C1F (hex)
Valid READ
5. Read address
703F (hex)
Valid READ
6. Read address
8B45 (hex)
AutoStore Inhibit
The AutoStore Inhibit can be disabled by initiating
an AutoStore Inhibit Off sequence. A sequence of
read operations is performed in a manner similar to
the software RECALL initiation. To initiate the
AutoStore Inhibit Off sequence, the following
sequence of E controlled read operations must be
performed:
1. Read address
4E38 (hex)
Valid READ
2. Read address
B1C7 (hex)
Valid READ
3. Read address
83E0 (hex)
Valid READ
4. Read address
7C1F (hex)
Valid READ
5. Read address
703F (hex)
Valid READ
6. Read address
4B46 (hex)
AutoStore Inhibit Off
The last AutoStore Inhibit state is stored in nonvola-
tile memory and is retained through power cycling.
NOISE CONSIDERATIONS
The STK17TA8 is a high-speed memory and so
must have a high-frequency bypass capacitor of
approximately 0.1
µF connected between V
CAP and
V
SS, using leads and traces that are as short as pos-
sible. As with all high-speed CMOS ICs, normal care-
ful routing of power, ground and signals will help
prevent noise problems.
HARDWARE WRITE PROTECT
The STK17TA8 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs dur-
ing low-voltage conditions. When V
CCX < VSWITCH, all
externally initiated STORE operations and SRAM
WRITE
s will be inhibited.
LOW AVERAGE ACTIVE POWER
The STK17TA8 draws significantly less current
when it is cycled at times longer than 50ns. Figure 3
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
commercial temperature range, V
CC = 3.6V, and
100% duty cycle on chip enable. Figure 4 shows the
same relationship for WRITE cycles. If the chip
enable duty cycle is less than 100%, only standby
current is drawn when the chip is disabled. The
overall average current drawn by the STK17TA8
depends on the following items: 1) the duty cycle of
chip enable; 2) the overall cycle rate for accesses;
3) the ratio of READs to WRITEs; 4) the operating
temperature; 5) the Vcc level; and 6) I/O loading.
Figure 3: Icc (max) Reads
Figure 4: Icc (max) Writes
0
10
20
30
40
50
50
100
150
200
Cycle Time (ns)
0
10
20
30
40
50
50
100
150
200
Cycle Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com