Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R35I Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R35I
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R35I Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R35I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 11Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 12Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 13Page - List of Unclassifed Manufacturers STK17TA8-R35I Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
STK17TA8
February 2004
10
Document Control # ML0023 rev 0.3
nvSRAM
The STK17TA8 has two separate modes of opera-
tion: SRAM mode and nonvolatile mode. In SRAM
mode, the memory operates as a standard fast
static RAM. In nonvolatile mode, data is transferred
from SRAM to the nonvolatile elements (the STORE
operation) or from the nonvolatile elements to SRAM
(the RECALL operation). In this mode SRAM func-
tions are disabled. The STK17TA8 supports unlim-
ited reads and writes to the SRAM, unlimited recalls
from the nonvolatile elements and up to 1 million
stores to the nonvolatile elements
SRAM READ
The STK17TA8 performs a READ cycle whenever E
and G are low and W is high. The address specified
on pins A
0-16 determines which of the 131,072 data
bytes will be accessed. When the READ is initiated
by an address transition, the outputs will be valid
after a delay of t
AVQV (READ cycle #1). If the READ is
initiated by E or G, the outputs will be valid at t
ELQV or
at t
GLQV, whichever is later (READ cycle #2). The data
outputs will repeatedly respond to address changes
within the t
AVQV access time without the need for tran-
sitions on any control input pins, and will remain valid
until another address change or until E or G is
brought high, or W is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable
until either E or W goes high at the end of the cycle.
The data on the common I/O pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of an
E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
common I/O lines. If G is left low, internal circuitry
will turn off the output buffers t
WLQZ after W goes low.
AutoStore™ OPERATION
The STK17TA8 can be powered in one of three
modes.
During normal operation, the STK17TA8 will draw
current from V
CCX to charge a capacitor connected to
the V
CAP pin. This stored charge will be used by the
chip to perform a single STORE operation. After
power up, when the voltage on the V
CCX pin drops
below V
SWITCH, the part will automatically disconnect
the V
CAP pin from VCCX and initiate a STORE opera-
tion.
Figure 2 shows the proper connection of capacitors
for automatic store operation. A charge storage
capacitor having a capacity of between 10
µF and
100
µF (± 20%) rated at minimum of 5V should be
provided.
In order to prevent unneeded STORE operations,
automatic STOREs as well as those initiated by
externally driving HSB low, will be ignored unless at
least one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software initi-
ated STORE cycles are performed regardless of
whether a WRITE operation has taken place. HSB
can be used to signal the system that the
AutoStore™ cycle is in progress.
HSB OPERATION
The STK17TA8 provides the HSB pin for controlling
and acknowledging the STORE operations. The HSB
pin can be used to request a hardware STORE cycle.
When the HSB pin is driven low, the STK17TA8 will
conditionally initiate a STORE operation after t
DELAY;
an actual STORE cycle will only begin if a WRITE to
the SRAM took place since the last STORE or
Figure 2: AutoStore™ Mode
If HSB is not used it should be left uncon
nected
Vcap
Vss
Vccx
+
10k
Ω∗
W
DEVICE OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com