Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MF/T Datasheet(PDF) 57 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 57 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 53Page - Winbond WTS701MF/T Datasheet HTML 54Page - Winbond WTS701MF/T Datasheet HTML 55Page - Winbond WTS701MF/T Datasheet HTML 56Page - Winbond WTS701MF/T Datasheet HTML 57Page - Winbond WTS701MF/T Datasheet HTML 58Page - Winbond WTS701MF/T Datasheet HTML 59Page - Winbond WTS701MF/T Datasheet HTML 60Page - Winbond WTS701MF/T Datasheet HTML 61Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 57 -
Revision 3.09
“;” – semi-colon.
Example: TTS,text to speech; After this is added using the ABBR_ADD command, when the text
“TTS” is sent as part of the convert data, the WTS701 will speak “text to speech” instead of T T S.
Note: when deleting an abbreviation, the abbreviation text is optional.
To delete the TTS example, only “TTS,;” is necessary.
7.8.2 Abbreviation Table Format
The format of the abbreviation table returned with the ABBR_RD command is:
Abbreviation entry - Marker + Count + XXX + 0x00 + YYYY + 0x00.
Marker – The marker will be either 0xfe for active abbreviation or 0xfc for a deleted abbreviation.
Count – The byte count for this entry including the Marker, Count, XXX, YYYY, and zeros.
XXX – the abbreviation characters.
0x00 – Null terminator.
YYYY – abbreviation text.
0x00 – Null terminator.
The unused data are always 0xff.
7.8.3 Command Execution
ABBR_NUM & ABBR_MEM -
These commands are executed by sending the command and
command data, waiting for R/ B to be ready, then receiving two bytes from MISO. The first byte
received is the MSB, and the second is LSB.
ABBR_RD – This command is executed by sending the command and command data, waiting for
R/ B to be ready, then receiving 2048 characters (the entire abbreviation table).
ABBR_ADD & ABBR_DEL – These commands are executed by sending the command and command
data, followed by the abbreviation data formatted as described in subsection 7.8.1. When the WTS701
is ready for the next step, it will generate an IABB interrupt. After the interrupt, send the
ENTER_RSSM (0x0c + 0x00) command. After issuing the command wait for 100ms. After the timeout,
the WTS701 will have programmed the new abbreviation entry and be ready to accept more
commands. Adding or removing an abbreviation will reset the configuration registers to their default
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com