Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MF/T Datasheet(PDF) 26 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 26 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 22Page - Winbond WTS701MF/T Datasheet HTML 23Page - Winbond WTS701MF/T Datasheet HTML 24Page - Winbond WTS701MF/T Datasheet HTML 25Page - Winbond WTS701MF/T Datasheet HTML 26Page - Winbond WTS701MF/T Datasheet HTML 27Page - Winbond WTS701MF/T Datasheet HTML 28Page - Winbond WTS701MF/T Datasheet HTML 29Page - Winbond WTS701MF/T Datasheet HTML 30Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
WTS701
- 26 -
Customization Commands
Table 9. Customization Opcodes.
The WTS701 has the ability for the
user to customize the way in which
it responds to certain text strings.
This is done by way of an
abbreviation
table.
The
customization opcodes allow the
user to interrogate and modify the
abbreviation table.
7.4.1 Command Description
The following section list all the standard commands that can be executed on the WTS701.
PWDN Go to POWER DOWN Mode
This command puts the WTS701 processor in power-down mode. This is a single word command
therefore no data is required for this command. The Power Down command places the WTS701
device into its lowest power consumption mode. In POWER DOWN mode, the device will only
respond to a Power Up command (PWUP) and Read Status (RDST) command. As soon as Power
Down sequence has ended, the RDY flag in the status word is cleared.
PWDN
Class
1
Type
I
Host controller
0x40
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Put the WTS701 processor in power-down mode.
PWUP Power Up
This command wakes up the WTS701 processor to IDLE state. The result of this command is that the
WTS701 starts the power up sequence, which leads to bringing up internal supplies, resetting the
processor, all configuration registers are initialized to their default values and entering IDLE state. As
soon as power up sequence has ended, the RDY flag in the status word is asserted. The SCLC
command must be sent BEFORE PWUP.
Opcode
Mnemonic
Function
0xC8
ABBR_NUM
Get number of abbrev. entries
0xC9
ABBR_RD
Read abbreviation table
0xC7
ABBR_MEM
Get number of free bytes.
0xAF
ABBR_ADD
Add abbrev. entry
0x83
ABBR_DEL
Delete abbrev. entry
0x0C
ENTER_RRSM
Swap memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com