Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MF/T Datasheet(PDF) 13 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 13 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 9Page - Winbond WTS701MF/T Datasheet HTML 10Page - Winbond WTS701MF/T Datasheet HTML 11Page - Winbond WTS701MF/T Datasheet HTML 12Page - Winbond WTS701MF/T Datasheet HTML 13Page - Winbond WTS701MF/T Datasheet HTML 14Page - Winbond WTS701MF/T Datasheet HTML 15Page - Winbond WTS701MF/T Datasheet HTML 16Page - Winbond WTS701MF/T Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 13 -
Revision 3.09
7.2 PHYSICAL INTERFACE
The following sections describe the physical pin properties and the timing associated with the physical
interface to the device. Note that all input pins are 3V and 5V tolerant, except for the CS signal
which is only 3V tolerant.
7.2.1 Clocking Requirements
The WTS701 processor can receive its clock from either an external clock source or a crystal
oscillator. The XTAL1 and XTAL2 pins provide the crystal interface to the device. The clock to the
WTS701 processor is configured by a clock configuration register, which must be set by the host
processor during the initialization phase. Figure 6 below shows how to connect the WTS701 to a
crystal oscillator. An external clock can be connected to the WTS701 providing the clock source for
the system, as shown in Figure 6.
WTS701
XTAL1
XTAL2
WTS701
XTAL1
XTAL2
CLK IN
X1
C1
C2
C1 = C2 = 15pF
X1 = 24.576MHz
Figure 6. Clock Generation.
Suggested Crystal Specification:
F = 24.576 MHz Fundamental Mode Operation
CL = 16 pF
ESR = 60 Ω maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com