Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MF/T Datasheet(PDF) 10 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 10 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 6Page - Winbond WTS701MF/T Datasheet HTML 7Page - Winbond WTS701MF/T Datasheet HTML 8Page - Winbond WTS701MF/T Datasheet HTML 9Page - Winbond WTS701MF/T Datasheet HTML 10Page - Winbond WTS701MF/T Datasheet HTML 11Page - Winbond WTS701MF/T Datasheet HTML 12Page - Winbond WTS701MF/T Datasheet HTML 13Page - Winbond WTS701MF/T Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
WTS701
- 10 -
PIN NO.
SYMBOL
I/O
FUNCTION
27
RESET
I
Global reset signal.
40
ATTCAP
I/O
AutoMute Capacitor Pin. Should have a 4.7uF capacitor to VSSA.
42
SP-
O
Differential Negative Speaker Driver Output.
46
SP+
O
Differential Positive Speaker Driver Output.
48
VCCA
P
Positive Analog Voltage Supply pin. This pin supplies the LOW
level audio sections of the device. It should be carefully
bypassed to Analog Ground to ensure correct device operation.
52
AUXIN
I
Analog input pin. This pin should be capacitively coupled. See
page 73 for example.
54
AUXOUT
O
Analog Output for single ended output from the device.
1,17-
24,28-
35,37-
39,41,43,
45,47,49-
51,53,55-
56
NC
Not Connected – must be floating.
Note: TYPE I:Input, O:Output, I/O bi-directional, P:Power, G:Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com