Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701MF/T Datasheet(PDF) 15 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 15 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 11Page - Winbond WTS701MF/T Datasheet HTML 12Page - Winbond WTS701MF/T Datasheet HTML 13Page - Winbond WTS701MF/T Datasheet HTML 14Page - Winbond WTS701MF/T Datasheet HTML 15Page - Winbond WTS701MF/T Datasheet HTML 16Page - Winbond WTS701MF/T Datasheet HTML 17Page - Winbond WTS701MF/T Datasheet HTML 18Page - Winbond WTS701MF/T Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 15 -
Revision 3.09
7.2.4 SPI Interface
Communications with the WTS701 is conducted over the SPI serial communications port. The device
responds to a command when the Chip Select signal ( CS ) is LOW and addressed by an active LOW
signal on the SS (Slave Select) pin. Under this condition, it accepts data on the MOSI input, which is
clocked in on rising edges of the serial clock (SCLK) signal. Concurrently, valid data from the WTS701
device to the bus master is available on MISO for the HIGH period of SCLK. The protocol
implemented on the WTS701 defines that the first two bytes of data sent in an SPI transaction is a
command word. A transaction is defined as the SPI transfers conducted while SS is LOW, the
transaction ends when SS returns HIGH. A list of available commands can be found in subsection
7.10 (Text-To-Speech Processor Commands Quick Reference Table). The data flow over the SPI
interface is MSB first, both in and out of the WTS701.
All Input pins are 3V and 5V tolerant, except for the CS signal which is only 3V tolerant.
The following is a description of the WTS701 SPI interface signals:
SCLK (Serial Clock)
The Serial Clock line is a digital input. It is driven by the SPI master and controls the timing of the data
exchanged over the SPI data lines, MOSI and MISO. The maximum frequency for this pin is 5 MHz.
SS
(Slave Select)
The Slave Select line is an active LOW digital input. It is driven by the SPI master and acts as a chip
select line. The device only responds to SPI transactions when this line is selected (LOW) and then
raised HIGH after SPI communication ends.
CS
(Chip Select)
The Chip Select line is an active LOW digital input. It can be driven by the host controller to enable
SPI transactions to the device. Normally this pin is tied LOW unless more than one device is to share
the same SS signal.
MOSI (Master Out, Slave In)
The MOSI line is a digital input. MOSI is driven by the SPI master. It provides data transfer, MSB first,
from the master to the slave. (See page 64)
MISO (Master In, Slave Out)
The MISO line is an open drain digital output. When SS is HIGH, this pin is tri-state. When SS is
LOW, MISO is driven by the device. It provides serial data transfer, MSB first, from the slave to the
master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com