Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ASF1400
Description  Bidirectional Mass Flow Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASF1400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ASF1400 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ASF1400 Bidirectional Mass Flow Meter
Introductory Description
The heart of the ASF1400 mass flow meter is
powered by Sensirion’s unsurpassed CMOSens®
sensor technology. The ASF1400 mass flow meter
therefore provides unbeatable performance at very
attractive system cost. The lowest detectable gas flow
rate is 0.003 sccm, which means a minimum volume
of 3 mm3 gas per minute can be measured. Covering
at the same time a flow range of more than 4 orders
of magnitude, the ASF1400 sets a new standard
wherever mass flow has to be measured or
controlled.
The ASF1400 device measures true mass flow
independent of the ambient temperature and pressure
changes. You simply connect the gas to be measured
to the ASF1400 device to get an instantaneous gas
flow rate at a sampling rate of up to 7Hz (please
contact us for sampling rates of up to 200Hz).
A flow range between ±400 sccm can directly be
mea-sured by connecting the ASF1400. To increase
the range, a bypass can be used in conjunction with
the ASF1400 device (see Section 1.4 of this data
sheet).
In addition to mass flow, the ASF1400 device
provides information about the temperature on the
CMOSens® sensor element. Both mass flow and
temperature data are accessed through an RS-232.
The RS-232 interface allows you to directly connect
the ASF1400 device to a PC or PDA using standard
terminal software. If a special interface such as 4-20
mA current output or other is required contact
Sensirion for a customer specific solution.
In general, all gas types can be measured using the
ASF1400 product. However, the standard calibration
gas is nitrogen. Please contact SENSIRION, if you
would like to use the sensor for applications with other
gases.
To get you started quickly, an evaluation package
including ASF1400 devices, software, cables, rubber
hose and bypass is available from Sensirion AG.
CMOSens® sensor technology
CMOSens® is the base technology for all Sensirion
multi sensor modules and sensor systems. The
unification of semiconductor chip and sensor
technology serves as a platform for highly integrated
system solutions with excellent sensor precision and
reliability. With CMOSens®, the on-chip sensor
element forms an integrated whole with a high-end
amplification and A/D converter circuit. Due to the
compact single-chip design, CMOSens® based
sensors are very resistant to electromagnetic
disturbances (EMC), another important technical
advantage of this state of the art sensor technology.
As a result, CMOSens® based multi sensor modules
offer excellent sensor precision, fast response time
and a very large dynamic measurement range. In
addition, the digital intelligence of the CMOSens®
sensor technology enables digital interfaces that
permit an easy link with the system of the customer, a
real advantage and benefit that results in ready-to-use
problem solutions (“Mount&Sense”).
www.sensirion.com
Version 2.2
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com