Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1400 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ASF1400
Description  Bidirectional Mass Flow Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASF1400 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ASF1400 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ASF1400 Bidirectional Mass Flow Meter
2 Pins and Digital Interface
The measurement values are provided as a signed
floating point number together with the corresponding
unit (sccm for mass flow, C for temperature). In case
of an overflow, the output shows oF.
G N D
V D D
/ C S
M O S I
M I S O
S C K
R x D
T x D
2.3 Serial Peripheral Interface (SPI)
The in earlier versions available SPI interface is due
to changes in electronic components no longer
supported.
Figure 6: ASF1400 pin out.
3 Configuration and Commands
GND and VDD (Power Supply)
The ASF1400 device accepts a set of commands
through its RS-232 interface (see table 3 for valid
commands; for correct settings of the RS-232 refer to
Section 2.1).This allows the user to configure the
ASF1400 device. Since the configuration is stored in
the internal EEPROM, it is maintained after power
breaks.
The ASF1400 requires a voltage supply of between 7
V and 18 V. Since this voltage is internally regulated,
there are no stringent requirements as far as ripple
and stability are concerned.
2.1 Connector
With the exception of the stop s command, all
commands have to be terminated by the return key
(
↵, ASCII #10 or #13). After completion of a
command, the ASF1400 returns ok and is ready to
take a new instruction. Before entering a command, it
may be necessary to clear the buffer by means of
using
↵.
You need an EDAC 395-010-520-102 connector to
connect the sensor. Please check the EDAC
homepage for details (www.edac.net).
Alternatively the AVX 00 6338 020 000 04 0 or AVX
00 6338 020 000 04 2 connectors can be used to
connect the ASP1400 as well. (See www.farnell.com,
order codes 635789 or 635730).
There is a trade-off between resolution and
measurement time. Possible settings are listed in
Table 2. Choosing 12 bit results in a measurement
interval of 142 ms. With the max resolution of 15.2 bit,
a new measurement is provided every 1280 ms. For
faster sampling rates refer to the ASF1430 high
speed mass flow meter device data sheet.
2.2 RS-232 Interface
All configurations (see also Section 3) for the
ASF1400 can be set using its RS-232 interface). To
communicate with the ASF1400 via RS-232 the
following pins are required:
RxD
(Receiving Data Line)
Table 2: Resolution settings using the res=value
command and corresponding response times
TxD
(Transmitting Data Line)
GND
(Ground)
The RS-232 of the ASF1400 is configured as follows:
Baudrate
9600
Data Bits
8
Stop Bits
1
Parity
none
Protocol
none
With these settings, the ASF1400 device can be
connected to any PC or PDA equipped with terminal
software.
res=
Resolution [bit]
data interval [ms]
1
12.0
142
2
13.0
284
3
13.5
427
4
14.0
569
5
14.3
711
6
14.6
853
7
14.8
995
8
15.0
1138
9
15.2
1280
Table 3: Commands of the ASF1400 device.
Command
Output
Description
help
↵
commands
Lists all available commands
www.sensirion.com
Version 2.2
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com