Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1400 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ASF1400
Description  Bidirectional Mass Flow Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASF1400 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ASF1400 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ASF1400 Bidirectional Mass Flow Meter
1.1 Gas Flow Characteristics
Figure 2 shows the applied gas flow vs. the digital
output of the ASF1400.
1.3 Gas Flow and Pressure Difference
-500
-250
0
250
500
-500
-250
0
250
500
Mass Flow [sccm]
The ASF1400 is calibrated for mass flow
measurements. However, there is a well defined
relation between mass flow and pressure drop. This
relation is shown in Figure 4. On request the
ASF1400 can also be calibrated for the pressure drop
at its output (for more details refer to the
documentation of the Sensirion Differential Pressure
Sensor ASP1400).
- 400
- 200
0
200
400
Massflow [sccm]
- 150
- 100
-50
0
50
100
150
Figure 2: ASF1400 transfer characteristics.
1.2 Sensor Principle and Gas Types
The ASF1400 device detects mass gas flow by
measuring heat transfer. A heating resistor on a
thermally insulated membrane is kept above ambient
temperature. In the presence of gas flow, the
temperature distribution up- and downstream is
disturbed. This asymmetry is then measured. Due to
the minimal thermal mass of the membrane,
symmetrical arrangement, and accurate temperature
measurement, the revolutionary specifications of the
ASF1400 devices are achieved.
Figure 4: Differential Pressure vs. Mass Flow of
ASF1400 Device.
1.4 Adjusting the Measurement Range
To adjust the measurement range, the ASF1400
device is used in conjunction with a bypass
configuration (see Figure 5). Only a sample of the
total flow actually gets directed through the bypass
channel and the sensor system. A tube with flow
restrictor and all required connection items are
included in the Mass Flow Meter Evaluation Kit EK-
F1, also available from SENSIRION AG.
The above mentioned thermal principle requires
information about the gas type to be measured. The
ASF1400 is available for air and nitrogen. Other gas
types are available on request.
In Figure 3 the repeatability of the ASF1400 devices
is compared with the repeatability of a typical Mass
Flow Controller (MFC). It emphasizes the superior
performance of the ASF1400 device.
Flow restrictor
0
100
200
300
400
Massflow [sccm]
0
0.1
0.2
0.3
0.4
0.5
200
Specs of typical MFC
Repeatability ASF 1400
Figure 5: Extending the measurement range of the
ASF1400 device using a bypass configuration. Only a
sample of the total flow actually gets directed through
the bypass channel and the sensor. Shown tube with
flow restrictor is included in the EK-F1 evaluation kit.
Figure 3: Comparison of the repeatability of the
CMOSens® ASF1400 device compared to a typical
Mass Flow Controller (MFC).
www.sensirion.com
Version 2.2
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com