Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1400 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ASF1400
Description  Bidirectional Mass Flow Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASF1400 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ASF1400 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ASF1400 Bidirectional Mass Flow Meter
5 Physical Dimensions and Mounting Information
The ASF1400 is mounted in chemically inert PBT housing.
The rugged package has been designed to withstand
overpressures of up to 2 bars. Higher pressure packages of
up to 10 bars are available on request.
Physical dimensions and mounting information are
provided in Figure 11 and Table 6.
Length L
45 mm
Width W
40 mm
Distance D
25.2 mm
Diameter d
5 mm
Spacing s
2.54 mm
Value H
20.6 mm
G
29.1 mm
N10 mm
1
8
s
W
D
d
L
1
8
H
G
N
Screw holes
holes for
∅ 3 mm screws
nozzles for
∅ 6 mm
rubber hose.
h
Table 6: Physical Dimensions of the ASF1400 device.
Length
L
45.0 mm
Width
W
40.0 mm
Height
h
15.5 mm
Distance
D
25.2 mm
Diameter
d
5.0 mm
Pitch
s
2.54 mm
Pitch
H
20.6 mm
Pitch
G
29.1 mm
Pitch
N
10.0 mm
Figure 11: Physical dimensions and mounting information of the ASF1400.
Holes for
® screws
PT
(
∅ 2.2 mm, screw in
not more than 4.4 mm)
6 Ordering Information
For small ordering quantities the ASF1400 sensor can be ordered directly at Farnell on http://www.farnell.com. Farnell is a
worldwide distributor of electrical, electronic and industrial component products.
When ordering ASF1400 series devices at SENSIRION please refer to the following part numbers. For the latest product information
access SENSIRION’s website on http://www.sensirion.com
Calibrated for Gas Type
Range
Packaging
Type
Air
± 400 sccm
2 bar
ASF1400
Notes:
Packages to sustain common mode pressures of 10 bars are available on request.
Special electrical interfaces such as 4-20 mA output or others are available on request.
For faster response times refer to the ASF1430 data sheet.
A evaluation kit including ASF1400 devices, evaluation software and other accessories such a bypass, rubber hose and cables
can be ordered. For detailed information check out the description of the Mass Flow Meter Evaluation Kit EK-F1 on
http://www.sensirion.com
www.sensirion.com
Version 2.2
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com