Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1400 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASF1400
Description  Bidirectional Mass Flow Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASF1400 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASF1400 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASF1400 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ASF1400 Bidirectional Mass Flow Meter
1 Mass Flow Sensor Performance
Table 1: Overview of ASF1400 Gas Sensor Performance1
Parameter
Condition
Minimum
Typical
Maximu
m
Units
Flow Sensor
direct measurement
-400
400
sccm( )2
using proposed bypass tube(2 )3
-100
100
liter/min( )4
Dynamic Range
customized bypass tube
unlimited
unlimited
Resolution
400 sccm flow
0.09
sccm
< 10 sccm flow
0.01
sccm
Lowest Detectable
Flow
< 10 sccm flow
0.015(4)
sccm
Pressure Drop
400 sccm, pabs. = 1 bar
120
Pa( )5
Repeatability
0.0025 % FS ( )6
0.025 % m.v.
0…5 % of full scale
0.05 % FS ( )7
Accuracy
23 C
5…100 % of full scale
1 % m.v. ( )7
Offset
23°C
< 0.005
< 0.02
% FS
Overpressure
Resistance
2
bar
( )
8
depends on resolution setting
142
1280
ms
Response Time ( )9
(see Section 3, Table 2)
Operating
Temperature
0
70
°C
Zero
< 0.005
% FS / °C
Ambient
Temperature
Coefficient
Span
< 0.08
% measured value /
°C
Position Sensitivity
p =1 bar, small nitrogen flow
±0.008
% FS
abs
Temperature
Sensor
Measures temperature inside the sensor, but not of the surrounding air(10 )
10
Dynamic Range
0
70
°C
Resolution
0.1
°C
Accuracy
3
2
°C
1
All data apply for calibration conditions (20°C, 1013 mbar) unless otherwise noted.
2
1 sccm = 1 cm3/min at 0°C and 1013mbar pressure (1sccm = 0.001 norm liter)
3
using bypass tube included in Sensirion’s mass flow meter evaluation kit EK-F1
4
1 liter/min = 1000 sccm
5
1 bar = 100 000 Pa = 0.9869 atm = 401.9 inch H2O = 14.5 psi
6
Error = % of full scale (FS) or % of measured value, whichever is bigger.
7
Better calibration available for high volume OEM on request. Allow the Sensor to warm up for best results.
8
For higher overpressure resistance versions please check the EM1 product page.
9
For faster response times please check out the ASF1430 high speed mass flow meter data sheet
The sensor warms up by about 7°C (depending on supply voltage and ventilation).
10
www.sensirion.com
Version 2.2
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com