Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC835 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC835
Description  LMC835 Digital Controlled Graphic Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC835 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC835 Datasheet HTML 1Page - National Semiconductor (TI) LMC835 Datasheet HTML 2Page - National Semiconductor (TI) LMC835 Datasheet HTML 3Page - National Semiconductor (TI) LMC835 Datasheet HTML 4Page - National Semiconductor (TI) LMC835 Datasheet HTML 5Page - National Semiconductor (TI) LMC835 Datasheet HTML 6Page - National Semiconductor (TI) LMC835 Datasheet HTML 7Page - National Semiconductor (TI) LMC835 Datasheet HTML 8Page - National Semiconductor (TI) LMC835 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VDDbVSS
18V
Allowable Input Voltage (Note 1)
VSSb03V
to VDDa03V
Storage Temperature Tstg
b
60 Cto a150 C
Lead Temperature (Soldering 10 sec) N Pkg
a
260 C
Lead Temperature V Pkg
Vapor Phase (60 sec)
a
215 C
Infrared (15 sec)
a
220 C
Operating Ratings
Supply Voltage VDDbVSS
5V to 16V
Digital Ground (Pin 13)
VSS to VDD
Digital Input (Pins 14 15 16)
VSS to VDD
Analog Input (Pins 1 2 3 4 25 26 27)
(Note 1)
VSS to VDD
Operating Temperature Topr
b
40 Cto a85 C
Electrical Characteristics (Note 2) VDDe75V VSSeb75V AGNDe0V
LOGIC SECTION
Tested
Design
Unit
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
(Limit)
(Note 3)
(Note 4)
IDDL
Supply Current
Pins 14 15 16 are 0V
001
05
05
mA (Max)
ISSL
Pins 14 15 16 are 0V
001
05
05
mA (Max)
IDDH
Pins 14 15 16 are 5V
13
5
5
mA (Max)
ISSH
Pins 14 15 16 are 5V
09
5
5
mA (Max)
VIH
High-Level Input Voltage
Pins 14 15 16
18
23
25
V (Min)
VIL
Low-Level Input Voltage
Pins 14 15 16
09
06
04
V (Max)
fo
Clock Frequency
Pin 14
2000
500
500
kHz (Max)
tw(STB)
Width of STB Input
See
Figure 1
025
1
1
m
s (Min)
tsetup
Data Setup Time
See
Figure 1
025
1
1
m
s (Min)
thold
Data Hold Time
See
Figure 1
025
1
1
m
s (Min)
tcs
Delay from Rising Edge of CLOCK
See
Figure 1
025
1
1
m
s (Min)
to STB
IIN
Input Current
Pins 14 15 16 0VkVINk5V
g
001
g
1
m
A (Max)
CIN
Input Capacitance
Pins 14 15 16 fe1 MHz
5
pF
Note 1
Pins 2 3 and 26 have a maximum input voltage range of g22V for the typical application shown in
Figure 7
Note 2 Bold numbers
apply at temperature extremes All other numbers apply at TAe25 C VDDe75V VSSeb75VDGNDeAGNDe0V as shown in the test
circuit
Figures 3 and 4
Note 3
Guaranteed and 100% production tested
Note 4
Guaranteed (but not 100% production tested) over the operating temperature range These limits are not used to calculate outgoing quality levels
Timing Diagram
TLH6753 – 3
Note
To change the gain of the presently selected band it is not necessary to send DATA 1 (Band Selection) each time
FIGURE 1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com