Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC835 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC835
Description  LMC835 Digital Controlled Graphic Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC835 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC835 Datasheet HTML 1Page - National Semiconductor (TI) LMC835 Datasheet HTML 2Page - National Semiconductor (TI) LMC835 Datasheet HTML 3Page - National Semiconductor (TI) LMC835 Datasheet HTML 4Page - National Semiconductor (TI) LMC835 Datasheet HTML 5Page - National Semiconductor (TI) LMC835 Datasheet HTML 6Page - National Semiconductor (TI) LMC835 Datasheet HTML 7Page - National Semiconductor (TI) LMC835 Datasheet HTML 8Page - National Semiconductor (TI) LMC835 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (Note 2) VDDe75V VSSeb75V DGNDeAGNDe0V
SIGNAL PATH SECTION
Tested
Design
Unit
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
(Limit)
(Note 3)
(Note 4)
EA
Gain Error
AVe0dB
g
12 dB Range
01
05
05
dB (Max)
AVe0dB
g
6 dB Range
01
1
1
dB (Max)
AVe g1dB
g
dB Range
01
05
06
dB (Max)
(R5b or R5c is ON)
AVe g2dB
g
12 dB Range
01
05
06
dB (Max)
(R4b or R4c is ON)
AVe g3dB
g
12 dB Range
01
05
06
dB (Max)
(R3b or R3c is ON)
AVe g4dB
g
12 dB Range
01
05
07
dB (Max)
(R2b or R2c is ON)
AVe g5dB
g
12 dB Range
01
05
07
dB (Max)
(R1b or R1c is ON)
AVe g9dB
g
12 dB Range
02
1
13
dB (Max)
(R0b or R0c is ON)
THD
Total Harmonic
AVe0dB
g
12 dB Range
00015
%
Distortion
VINe4Vrms fe1 kHz
AVe12 dB
g
12 dB Range
VINe1Vrms fe1 kHz
001
01
% (Max)
VINe1Vrms fe20 kHz
01
05
% (Max)
AVeb12 dB
g
12 dB Range
VINe4Vrms fe1 kHz
001
01
% (Max)
VINe4Vrms fe20 kHz
01
05
% (Max)
VO Max
Maximum Output Voltage
AVe0dB
g
12 dB Range
55
51
5
Vrms (Min)
THD k1% fe1 kHz
SN
Signal to Noise Ratio
AVe0dB
g
12 dB Range
114
dB
Vrefe1Vrms
AVe 12 dB
g
12 dB Range
106
dB
Vrefe1Vrms
AVeb12 dB
g
12 dB Range
116
dB
Vrefe1Vrms
ILEAK
Leakage Current
AVe0dB
g
12 dB Range
(All internal switches are OFF)
Pin 2a3 Pin 26
500
nA (Max)
Pin 5EPin 11 Pin 18EPin 24
50
nA (Max)
Note 2 Boldface numbers
apply at temperature extremes All other numbers apply at TAe25 C VDDe75V VSSeb75V DGNDeAGNDe0V as shown in the
test circuit
Figures 3 and 4
Note 3
Guaranteed and 100% production tested
Note 4
Guaranteed (but not 100% production tested) over the operating temperature range These limits are not used to calculate outgoing quality levels
Timing Diagrams
TLH6753 – 4
Note
To change the gain of the presently selected band it is not necessary to send DATA 1 (Band Selection) each time
FIGURE 2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com