Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC835 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC835
Description  LMC835 Digital Controlled Graphic Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC835 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC835 Datasheet HTML 5Page - National Semiconductor (TI) LMC835 Datasheet HTML 6Page - National Semiconductor (TI) LMC835 Datasheet HTML 7Page - National Semiconductor (TI) LMC835 Datasheet HTML 8Page - National Semiconductor (TI) LMC835 Datasheet HTML 9Page - National Semiconductor (TI) LMC835 Datasheet HTML 10Page - National Semiconductor (TI) LMC835 Datasheet HTML 11Page - National Semiconductor (TI) LMC835 Datasheet HTML 12Page - National Semiconductor (TI) LMC835 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Applications
TLH6753 – 11
FIGURE 7 Stereo 7-Band Equalizer
TABLE I Tuned Circuit Elements
Q0e35 Q12dBe105
Z1
fo (Hz)
CO (F)
CL (F)
RL (X)RO (X)
Z1
63
1m
01m
100k
680
Z2
160
047m
0033m
100k
680
Z3
400
015m
0015m
100k
680
Z4
1k
0068m
00068m
82k
680
Z5
25k
0022m
00033m
82k
680
Z6
63k
001m
00015m
62k
680
Z7
16k
00047m
680p
47k
680
TLH6753 – 12
FIGURE 8 Tuned Circuit for Stereo
7-Band Equalizer (
Figure 7 )
L0eCL RL R0
f0e
1
2q
0L0C0
Q0e
0 L0
C0R02
Q12 dBe
R0Q0
R0a1590
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com