Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC835 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC835
Description  LMC835 Digital Controlled Graphic Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC835 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC835 Datasheet HTML 1Page - National Semiconductor (TI) LMC835 Datasheet HTML 2Page - National Semiconductor (TI) LMC835 Datasheet HTML 3Page - National Semiconductor (TI) LMC835 Datasheet HTML 4Page - National Semiconductor (TI) LMC835 Datasheet HTML 5Page - National Semiconductor (TI) LMC835 Datasheet HTML 6Page - National Semiconductor (TI) LMC835 Datasheet HTML 7Page - National Semiconductor (TI) LMC835 Datasheet HTML 8Page - National Semiconductor (TI) LMC835 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLH6753
February 1995
LMC835 Digital Controlled Graphic Equalizer
General Description
The LMC835 is a monolithic digitally-controlled graphic
equalizer CMOS LSI for Hi-Fi audio The LMC835 consists
of a Logic section and a Signal Path section made of analog
switches and thin-film silicon-chromium resistor networks
The LMC835 is used with external resonator circuits to
make a stereo equalizer with seven bands g12 dB or g6
dB gain range and 25 steps each Only three digital inputs
are needed to control the equalization The LMC835 makes
it easy to build a mP-controlled equalizer
The signal path is designed for very low noise and distor-
tion resulting in very high performance compatible with
PCM audio
Features
Y
No volume controls required
Y
Three-wire interface
Y
14 bands 25 steps each
Y
g
12 dB or g6 dB gain ranges
Y
Low noise and distortion
Y
TTL CMOS logic compatible
Applications
Y
Hi-Fi equalizer
Y
Receiver
Y
Car stereo
Y
Musical instrument
Y
Tape equalization
Y
Mixer
Y
Volume controller
Connection Diagrams
Dual-In-Line Package
TLH6753 – 1
Top View
Order Number LMC835N
See NS Package N28B
Molded Chip Carrier Package
TLH6753 – 26
Top View
Order Number LMC835V
See NS Package V28A
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - LMC835

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC8101 NSC-LMC8101 Datasheet
709Kb / 15P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Texas Instruments
LMC8101 TI1-LMC8101 Datasheet
1Mb / 26P
Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
LMC8101 TI2-LMC8101 Datasheet
1Mb / 26P
LMC8101 Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
REVISED MARCH 2013
logo
National Semiconductor ...
LMC8101BP NSC-LMC8101BP Datasheet
709Kb / 15P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101BP NSC-LMC8101BP Datasheet
755Kb / 19P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
More results

Similar Description - LMC835

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7316 STMICROELECTRONICS-TDA7316 Datasheet
81Kb / 10P
FOUR BANDSDIGITAL CONTROLLED GRAPHIC EQUALIZER
Nov-1999
TDA7317 STMICROELECTRONICS-TDA7317 Datasheet
175Kb / 12P
FIVE BANDS DIGITAL CONTROLLED GRAPHIC EQUALIZER
Nov-1999
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
5 BAND GRAPHIC EQUALIZER
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
5-channel graphic equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
7-Band Graphic Equalizer?
LC7527E SANYO-LC7527E Datasheet
244Kb / 11P
Graphic Equalizer System
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
2-CHANNEL GRAPHIC EQUALIZER
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
10 Band Graphic Equalizer
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
Seven Band Graphic Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com