Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC835 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC835
Description  LMC835 Digital Controlled Graphic Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC835 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC835 Datasheet HTML 7Page - National Semiconductor (TI) LMC835 Datasheet HTML 8Page - National Semiconductor (TI) LMC835 Datasheet HTML 9Page - National Semiconductor (TI) LMC835 Datasheet HTML 10Page - National Semiconductor (TI) LMC835 Datasheet HTML 11Page - National Semiconductor (TI) LMC835 Datasheet HTML 12Page - National Semiconductor (TI) LMC835 Datasheet HTML 13Page - National Semiconductor (TI) LMC835 Datasheet HTML 14Page - National Semiconductor (TI) LMC835 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Applications (Continued)
TABLE II Tuned Circuit Elements
Q0e47 Q12 dBe14
fo (Hz)
Co (F)
CL (F)
RL (X)Ro (X)
Z1
16
33m
047m
100k
680
Z2
315
15m
022m
110k
680
Z3
63
1m
01m
100k
680
Z4
125
039m
0068m
91k
680
Z5
250
022m
0033m
82k
680
Z6
500
01m
0015m
100k
680
Z7
1k
0047m
001m
82k
680
Z8
2k
0022m
00047m
91k
680
Z9
4k
001m
00022m
110k
680
Z10
8k
00068m
0001m
82k
680
Z11
16k
00033m
680p
62k
680
Z12
32k
00015m
470p
68k
510
TLH6753 – 15
FIGURE 10 Tuned Circuit for
12-Band Equalizer (
Figure 9 )
Performance Characteristics (Circuit of Figure 9)
12 Band Equalizer Application
LMC835 Gain vs Frequency
g
6 dB Range
(All Boost or Cut)
LMC835 12 Band EQ Application
Gain vs Frequency
g
12 dB Range
(1 kHz Boost or Cut)
12 Band Equalizer Application
LMC835 Gain vs Frequency
g
12 dB Range
(All Boost or Cut)
LMC835 12 Band EQ Application
Gain vs Frequency
g
6dB Range
(1 kHz Boost or Cut)
TLH6753 – 16
L0eCL RL R0
f0e
1
2q
0L0C0
Q0e
0 L0
C0R02
Q12 dBe
R0Q0
R0a1590
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com