Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LMF100 Datasheet HTML 20Page - National Semiconductor (TI) LMF100 Datasheet HTML 21Page - National Semiconductor (TI) LMF100 Datasheet HTML 22Page - National Semiconductor (TI) LMF100 Datasheet HTML 23Page - National Semiconductor (TI) LMF100 Datasheet HTML 24Page - National Semiconductor (TI) LMF100 Datasheet HTML 25Page - National Semiconductor (TI) LMF100 Datasheet HTML 26Page - National Semiconductor (TI) LMF100 Datasheet HTML 27Page - National Semiconductor (TI) LMF100 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
3.0 Applications Information (Continued)
3.5 SAMPLED DATA SYSTEM CONSIDERATIONS
The LMF100 is a sampled data filter, and as such, differs in
many ways from conventional continuous-time filters. An im-
portant characteristic of sampled-data systems is their effect
on signals at frequencies greater than one-half the sampling
frequency. (The LMF100’s sampling frequency is the same
as its clock frequency.) If a signal with a frequency greater
than one-half the sampling frequency is applied to the input
of a sampled data system, it will be “reflected” to a frequency
less than one-half the sampling frequency. Thus, an input
signal whose frequency is f
s/2 + 100 Hz will cause the sys-
tem to respond as though the input frequency was
f
s/2 − 100 Hz. This phenomenon is known as “aliasing”, and
can be reduced or eliminated by limiting the input signal
spectrum to less than f
s/2. This may in some cases require
the use of a bandwidth-limiting filter ahead of the LMF100 to
limit the input spectrum. However, since the clock frequency
is much higher than the center frequency, this will often not
be necessary.
Another characteristic of sampled-data circuits is that the
output signal changes amplitude once every sampling pe-
riod, resulting in “steps” in the output voltage which occur at
the clock rate (
Figure 25). If necessary, these can be
“smoothed” with a simple R-C low-pass filter at the LMF100
output.
The ratio of f
CLK to fc (normally either 50:1 or 100:1) will also
affect performance. A ratio of 100:1 will reduce any aliasing
problems and is usually recommended for wide-band input
DS005645-39
R1
= 100 k
Ω
R2 = 1k
Ω
R3 = 100 k
Ω
R4 = 100 k
Ω
Rg = 10 k
Ω
Rl = 10 k
Ω
Rh = 10 k
Ω
FIGURE 23. Second-Order Notch Filter
DS005645-13
FIGURE 24. Method for Trimming V
OS
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com