Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMF100 Datasheet HTML 4Page - National Semiconductor (TI) LMF100 Datasheet HTML 5Page - National Semiconductor (TI) LMF100 Datasheet HTML 6Page - National Semiconductor (TI) LMF100 Datasheet HTML 7Page - National Semiconductor (TI) LMF100 Datasheet HTML 8Page - National Semiconductor (TI) LMF100 Datasheet HTML 9Page - National Semiconductor (TI) LMF100 Datasheet HTML 10Page - National Semiconductor (TI) LMF100 Datasheet HTML 11Page - National Semiconductor (TI) LMF100 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Pin Descriptions
LP(1,20),
BP(2,19),
N/AP/HP(3,18)
The second order lowpass,
bandpass and
notch/allpass/highpass outputs.
These outputs can typically swing
to within 1V of each supply when
drivinga5k
Ω load. For optimum
performance, capacitive loading
on these outputs should be
minimized. For signal frequencies
above 15 kHz the capacitance
loading should be kept below
30 pF.
INV(4,17)
The inverting input of the
summing opamp of each filter.
These are high impedance inputs.
The non-inverting input is
internally tied to AGND so the
opamp can be used only as an
inverting amplifier.
S1(5,16)
S1 is a signal input pin used in
modes 1b, 4, and 5. The input
impedance is 1/f
CLK x 1 pF. The
pin should be driven with a source
impedance of less than 1 k
Ω.If
S1 is not driven with a signal it
should be tied to AGND
(mid-supply).
S
A/B(6)
This pin activates a switch that
connects one of the inputs of each
filter’s second summer either to
AGND (S
A/B tied to V
−)ortothe
lowpass (LP) output (S
A/B tied to
V
+). This offers the flexibility
needed for configuring the filter in
its various modes of operation.
V
A
+(7) (Note 15)
This is both the analog and digital
positive supply.
V
D
+(8) (Note 15)
This pin needs to be tied to V
+
except when the device is to
operate on a single 5V supply and
a TTL level clock is applied. For
5V, TTL operation, V
D
+ should be
tied to ground (0V).
V
A
−(14), V
D
−(13)
Analog and digital negative
supplies. V
A
−and V
D
− should be
derived from the same source.
They have been brought out
separately so they can be
bypassed by separate capacitors,
if desired. They can also be tied
together externally and bypassed
with a single capacitor.
LSh(9)
Level shift pin. This is used to
accommodate various clock levels
with dual or single supply
operation. With dual ±5V supplies
and CMOS (±5V) or TTL (0V–5V)
clock levels, LSh should be tied to
system ground.
For 0V–10V single supply
operation the AGND pin should be
biased at +5V and the LSh pin
should be tied to the system
ground for TTL clock levels. LSh
should be biased at +5V for ±5V
CMOS clock levels.
The LSh pin is tied to system
ground for ±2.5V operation. For
single 5V operation the LSh and
V
D+ pins are tied to system
ground for TTL clock levels.
CLK(10,11)
Clock inputs for the two switched
capacitor filter sections. Unipolar
or bipolar clock levels may be
applied to the CLK inputs
according to the programming
voltage applied to the LSh pin.
The duty cycle of the clock should
be close to 50%, especially when
clock frequencies above 200 kHz
are used. This allows the
maximum time for the internal
opamps to settle, which yields
optimum filter performance.
50/100(12)
(Note 15)
By tying this pin to V
+ a 50:1 clock
to filter center frequency ratio is
obtained. Tying this pin at
mid-supply (i.e., system ground
with dual supplies) or to V
− allows
the filter to operate at a 100:1
clock to center frequency ratio.
AGND(15)
This is the analog ground pin.
This pin should be connected to
the system ground for dual supply
operation or biased to mid-supply
for single supply operation. For a
further discussion of mid-supply
biasing techniques see the
Applications Information (Section
3.2). For optimum filter
performance a “clean” ground
must be provided.
Note 15: This device is pin-for-pin compatible with the MF10 except for the
following changes:
1. Unlike the MF10, the LMF100 has a single positive supply pin (VA+).
2. On the LMF100 VD
+ is a control pin and is not the digital positive supply as
on the MF10.
3. Unlike the MF10, the LMF100 does not support the current limiting mode.
When the 50/100 pin is tied to V− the LMF100 will remain in the 100:1 mode.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com