Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMF100 Datasheet HTML 1Page - National Semiconductor (TI) LMF100 Datasheet HTML 2Page - National Semiconductor (TI) LMF100 Datasheet HTML 3Page - National Semiconductor (TI) LMF100 Datasheet HTML 4Page - National Semiconductor (TI) LMF100 Datasheet HTML 5Page - National Semiconductor (TI) LMF100 Datasheet HTML 6Page - National Semiconductor (TI) LMF100 Datasheet HTML 7Page - National Semiconductor (TI) LMF100 Datasheet HTML 8Page - National Semiconductor (TI) LMF100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 14)
Supply Voltage (V
+ −V−)
16V
Voltage at Any Pin
V
+ + 0.3V
V
− − 0.3V
Input Current at Any Pin (Note 2)
5 mA
Package Input Current (Note 2)
20 mA
Power Dissipation (Note 3)
500 mW
Storage Temperature
150˚C
ESD Susceptability (Note 11)
2000V
Soldering Information
N Package: 10 sec.
260˚C
J Package: 10 sec.
300˚C
SO Package:
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” (Appendix D) for other methods of
soldering surface mount devices.
Operating Ratings (Note 1)
Temperature Range
T
MIN ≤ TA ≤ TMAX
LMF100CCN
0˚C
≤ T
A ≤ +70˚C
LMF100CIWM
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage
4V
≤ V+ −V− ≤ 15V
Electrical Characteristics
The following specifications apply for Mode 1, Q = 10 (R
1 = R3 = 100k, R2 = 10k), V
+ = +5V and V− = −5V unless otherwise
specified. Boldface limits apply for T
MIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
LMF100CCN
LMF100CIWM
Units
Typical
(Note 8)
Tested
Limit
(Note 9)
Design
Limit
(Note 10)
Typical
(Note 8)
Tested
Limit
(Note 9)
Design
Limit
(Note 10)
Is
Maximum Supply Current
fCLK = 250 kHz
9
13
13
9
13
mA
No Input Signal
f0
Center Frequency
MIN
0.1
0.1
Hz
Range
MAX
100
100
kHz
fCLK
Clock Frequency
MIN
5.0
5.0
Hz
Range
MAX
3.5
3.5
MHz
fCLK/f0
Clock to Center Frequency
Ratio Deviation
VPin12 = 5V or 0V
fCLK = 1 MHz
±0.2
±0.8
±0.8
±0.2
±0.8
%
Q Error (MAX) (Note 4)
Q = 10, Mode 1
VPin12 = 5V or 0V
fCLK = 1 MHz
±0.5
±5
±6
±0.5
±6
%
HOBP
Bandpass Gain at f0
fCLK = 1 MHz
0
±0.4
±0.4
0
±0.4
dB
HOLP
DC Lowpass Gain
R1 = R2 = 10k
0
±0.2
±0.2
0
±0.2
dB
fCLK = 250 kHz
VOS1
DC Offset Voltage (Note 5)
fCLK = 250 kHz
±5.0
±15
±15
±5.0
±15
mV
VOS2
DC Offset Voltage (Note 5)
fCLK = 250 kHz
SA/B = V
+
±30
±80
±80
±30
±80
mV
SA/B = V
−
±15
±70
±70
±15
±70
mV
VOS3
DC Offset Voltage (Note 5)
fCLK = 250 kHz
±15
±40
±60
±15
±60
mV
Crosstalk (Note 6)
A Side to B Side or
−60
−60
dB
B Side to A Side
Output Noise (Note 12)
fCLK = 250 kHz
N
40
40
20 kHz Bandwidth
BP
320
320
µV
100:1 Mode
LP
300
300
Clock Feedthrough
(Note 13)
fCLK = 250 kHz 100:1 Mode
6
6
mV
VOUT
Minimum Output
RL = 5k
+4.0
±3.8
±3.7
+4.0
±3.7
V
Voltage Swing
(All Outputs)
−4.7
−4.7
RL = 3.5k
+3.9
+3.9
V
(All Outputs)
−4.6
−4.6
GBW
Op Amp Gain BW Product
5
5
MHz
SR
Op Amp Slew Rate
20
20
V/µs
Isc
Maximum Output
Short
Source
(All Outputs)
12
12
mA
Circuit Current
(Note 7)
Sink
45
45
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com