Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMF100 Datasheet HTML 5Page - National Semiconductor (TI) LMF100 Datasheet HTML 6Page - National Semiconductor (TI) LMF100 Datasheet HTML 7Page - National Semiconductor (TI) LMF100 Datasheet HTML 8Page - National Semiconductor (TI) LMF100 Datasheet HTML 9Page - National Semiconductor (TI) LMF100 Datasheet HTML 10Page - National Semiconductor (TI) LMF100 Datasheet HTML 11Page - National Semiconductor (TI) LMF100 Datasheet HTML 12Page - National Semiconductor (TI) LMF100 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1.0 Definitions of Terms
f
CLK: the frequency of the external clock signal applied to pin
10 or 11.
f
0: center frequency of the second order function complex
pole pair. f
0 is measured at the bandpass outputs of the
LMF100, and is the frequency of maximum bandpass gain.
(
Figure 1).
f
notch: the frequency of minimum (ideally zero) gain at the
notch outputs.
f
z: the center frequency of the second order complex zero
pair, if any. If f
z is different from f0 and if Qz is high, it can be
observed as the frequency of a notch at the allpass output.
(
Figure 13).
Q: “quality factor” of the 2nd order filter. Q is measured at the
bandpass outputs of the LMF100 and is equal to f
0 divided
by the −3 dB bandwidth of the 2nd order bandpass filter (
Fig-
ure 1). The value of Q determines the shape of the 2nd order
filter responses as shown in
Figure 6.
Q
z: the quality factor of the second order complex zero pair,
if any. Q
Z is related to the allpass characteristic, which is
written:
where Q
Z = Q for an all-pass response.
H
OBP: the gain (in V/V) of the bandpass output at f = f0.
H
OLP: the gain (in V/V) of the lowpass output as f → 0Hz
(
Figure 2).
H
OHP: the gain (in V/V) of the highpass output as f → fCLK/2
(
Figure 3).
H
ON: the gain (in V/V) of the notch output as f → 0 Hz and as
f → f
CLK/2, when the notch filter has equal gain above and
below
the
center
frequency
(
Figure
4).
When
the
low-frequency gain differs from the high-frequency gain, as
in modes 2 and 3a (
Figure 10 and Figure 12), the two quan-
tities below are used in place of H
ON.
H
ON1: the gain (in V/V) of the notch output as f → 0 Hz.
H
ON2: the gain (in V/V) of the notch output as f → fCLK/2.
DS005645-19
(a)
DS005645-20
(b)
FIGURE 1. 2nd-Order Bandpass Response
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com