Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LMF100 Datasheet HTML 19Page - National Semiconductor (TI) LMF100 Datasheet HTML 20Page - National Semiconductor (TI) LMF100 Datasheet HTML 21Page - National Semiconductor (TI) LMF100 Datasheet HTML 22Page - National Semiconductor (TI) LMF100 Datasheet HTML 23Page - National Semiconductor (TI) LMF100 Datasheet HTML 24Page - National Semiconductor (TI) LMF100 Datasheet HTML 25Page - National Semiconductor (TI) LMF100 Datasheet HTML 26Page - National Semiconductor (TI) LMF100 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
3.0 Applications Information (Continued)
3.2 SINGLE SUPPLY OPERATION
The LMF100 can also operate with a single-ended power
supply.
Figure 20 shows the example filter with a
single-ended power supply. V
A+ and VD+ are again con-
nected to the positive power supply (4 to 15 volts), and V
A−
and V
D− are connected to ground. The AGND pin must be
tied to V
+/2 for single supply operation. This half-supply point
should be very “clean”, as any noise appearing on it will be
treated as an input to the filter. It can be derived from the
supply voltage with a pair of resistors and a bypass capacitor
(
Figure 21a), or a low-impedance half-supply voltage can be
made using a three-terminal voltage regulator or an opera-
tional amplifier (
Figure 21b and Figure 21c). The passive re-
sistor divider with a bypass capacitor is sufficient for many
applications, provided that the time constant is long enough
to reject any power supply noise. It is also important that the
half-supply reference present a low impedance to the clock
frequency, so at very low clock frequencies the regulator or
op-amp approaches may be preferable because they will re-
quire smaller capacitors to filter the clock frequency. The
main power supply voltage should be clean (preferably regu-
lated) and bypassed with 0.1 µF.
3.3 DYNAMIC CONSIDERATIONS
The maximum signal handling capability of the LMF100, like
that of any active filter, is limited by the power supply volt-
ages used. The amplifiers in the LMF100 are able to swing to
within about 1 volt of the supplies, so the input signals must
be kept small enough that none of the outputs will exceed
these limits. If the LMF100 is operating on ±5 volts, for ex-
ample, the outputs will clip at about 8V
p-p. The maximum in-
put voltage multiplied by the filter gain should therefore be
less than 8V
p-p.
Note that if the filter Q is high, the gain at the lowpass or
highpass outputs will be much greater than the nominal filter
gain (
Figure 6). As an example, a lowpass filter withaQof
10 will have a 20 dB peak in its amplitude response at f
0.If
the nominal gain of the filter (H
OLP) is equal to 1, the gain at
f
0 will be 10. The maximum input signal at f0 must therefore
be less than 800 mV
p-p when the circuit is operated on ±5
volt supplies.
Also note that one output can have a reasonable small volt-
age on it while another is saturated. This is most likely for a
circuit such as the notch in Mode 1 (
Figure 7). The notch out-
put will be very small at f
0, so it might appear safe to apply a
large signal to the input. However, the bandpass will have its
maximum gain at f
0 and can clip if overdriven. If one output
clips, the performance at the other outputs will be degraded,
so avoid overdriving any filter section, even ones whose out-
puts are not being directly used. Accompanying
Figures 7, 8,
9, 10, 11, 12, 13, 14, 15, 16 and Figure 17 are equations la-
beled “circuit dynamics”, which relate the Q and the gains at
the various outputs. These should be consulted to determine
peak circuit gains and maximum allowable signals for a
given application.
3.4 OFFSET VOLTAGE
The LMF100’s switched capacitor integrators have a slightly
higher input offset voltage than found in a typical continuous
time active filter integrator. Because of National’s new LMC-
MOS process and new design techniques the internal offsets
have been minimized, compared to the industry standard
MF10.
Figure 22 shows an equivalent circuit of the LMF100
from which the output dc offsets can be calculated. Typical
values for these offsets with S
A/B tied to V
+ are:
V
OS1 = opamp offset = ±5mV
V
OS2 = ±30 mV at 50:1 or 100:1
V
OS3 = ±15 mV at 50:1 or 100:1
When S
A/B is tied to V
−,V
OS2 will approximately halve. The
dc offset at the BP output is equal to the input offset of the
lowpass integrator (V
OS3). The offsets at the other outputs
depend on the mode of operation and the resistor ratios, as
described in the following expressions.
Mode 1 and Mode 4
Mode 1a
DS005645-32
(a) Resistive Divider with
Decoupling Capacitor
DS005645-33
(b) Voltage Regulator
DS005645-34
(c) Operational Amplifier with
Divider
FIGURE 21. Three Ways of Generating V
+/2 for Single-Supply Operation
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com