Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9821 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9821
Description  Complete 12-Bit 40 MSPS Imaging Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9821 Datasheet(HTML) 5 Page - Analog Devices

  AD9821 Datasheet HTML 1Page - Analog Devices AD9821 Datasheet HTML 2Page - Analog Devices AD9821 Datasheet HTML 3Page - Analog Devices AD9821 Datasheet HTML 4Page - Analog Devices AD9821 Datasheet HTML 5Page - Analog Devices AD9821 Datasheet HTML 6Page - Analog Devices AD9821 Datasheet HTML 7Page - Analog Devices AD9821 Datasheet HTML 8Page - Analog Devices AD9821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
AD9821
–5–
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
TEST
AVSS
TEST
AVDD2
BYP1
VIN–
VIN+
(LSB) D0
D1
D2
D3
D4
D5
D6
NC = NO CONNECT
D7
D8
D9
D10
TEST
TEST
AVDD1
AVSS
AD9821
(MSB) D11
AVSS
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Type
Description
1–12
D0–D11
DO
Digital Data Outputs
13
DRVDD
P
Digital Output Driver Supply
14
DRVSS
P
Digital Output Driver Ground
15, 41
DVSS
P
Digital Ground
16
DATACLK
DI
Digital Data Output Latch Clock
17
DVDD1
P
Digital Supply
18, 24, 37, 42, 47, 48
NC
NC
Internally Not Connected. May be Tied High or Low.
19
PBLK
DI
Preblanking Clock Input
20
CLPOB
DI
Black Level Clamp Clock Input
21–23
TEST
DI
Test Use Only. Tie to VDD or VSS.
25, 26, 35
AVSS
P
Analog Ground
27
AVDD1
P
Analog Supply
28, 29
TEST
AO
Test Use Only. Tie to VDD or VSS.
30
VIN+
AI
Positive Analog Input for Imager Signal
31
VIN–
AI
Negative Analog Input for Imager Signal
32
BYP1
AO
Internal Bias Level Decoupling
33
AVDD2
P
Analog Supply
34, 36
TEST
AI
Test Use Only. Tie to VDD or VSS.
38
VRT
AO
ADC Top Reference Voltage Decoupling
39
VRB
AO
ADC Bottom Reference Voltage Decoupling
40
DVDD2
P
Digital Supply
43
STBY
DI
Standby Mode, Active High. Same as Total Power-Down Mode.
44
SL
DI
Serial Digital Interface Load Pulse
45
SDATA
DI
Serial Digital Interface Data
46
SCK
DI
Serial Digital Interface Clock
TYPE: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com