Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9821 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9821
Description  Complete 12-Bit 40 MSPS Imaging Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9821 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9821 Datasheet HTML 8Page - Analog Devices AD9821 Datasheet HTML 9Page - Analog Devices AD9821 Datasheet HTML 10Page - Analog Devices AD9821 Datasheet HTML 11Page - Analog Devices AD9821 Datasheet HTML 12Page - Analog Devices AD9821 Datasheet HTML 13Page - Analog Devices AD9821 Datasheet HTML 14Page - Analog Devices AD9821 Datasheet HTML 15Page - Analog Devices AD9821 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
AD9821
–13–
CMOS
OR
CCD
IMAGER
VIN+
BUFFER
OR
LEVEL SHIFT
OUT+
AD9821
ADCOUT
REGISTER-
DATA
SERIAL
INTERFACE
DIGITAL
OUTPUTS
DIGITAL IMAGE
PROCESSING
ASIC
(MAY ALSO
INCLUDE TG)
TIMING
GENERATOR
V-DRIVE
(CCD)
IMAGER
TIMING
DATACLK/CLAMP
TIMING
VIN–
OUT–
Figure 12. System Applications Diagram
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
37
48 47 46 45 44
39 38
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
TEST
AVSS
TEST
AVDD2
BYP1
VIN-
VIN+
TEST
TEST
AVDD1
AVSS
AVSS
D0
D1
D2
D3
D4
D5
D6
D7
D8
(MSB) D11
AD9821
3V
ANALOG SUPPLY
IMAGER INPUT, POSITIVE
3V
ANALOG SUPPLY
12
DATA
OUTPUTS
3
SERIAL
INTERFACE
0.1 F
3V
ANALOG SUPPLY
3
CLOCK
INPUTS
3V
ANALOG SUPPLY
3V
DRIVER
SUPPLY
NC = INTERNALLY NOT CONNECTED
D9
D10
IMAGER INPUT, NEGATIVE/REFERENCE
1.0 F
1.0 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
Figure 13. Recommended Circuit Configuration
APPLICATIONS INFORMATION
The AD9821 is a complete Analog Front End (AFE) product
for a variety of imager applications using CMOS image sensors
and CCDs with on-chip CDS. As shown in Figure 10, the imager
output is generally buffered and sent to the AD9821’s analog
inputs, either as a differential or single-ended signal. The AD9821
performs the sample-and-hold operation, gain adjustment,
black level correction, and analog-to-digital conversion. The
AD9821’s digital output data is then processed by the image
processing ASIC. The internal registers of the AD9821—used
to control gain, offset level, and other functions—are
programmed by the ASIC or microprocessor through a 3-wire
serial digital interface. A system timing generator provides the
clock signals for both the imager and the AFE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com