Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9821 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9821
Description  Complete 12-Bit 40 MSPS Imaging Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9821 Datasheet(HTML) 1 Page - Analog Devices

  AD9821 Datasheet HTML 1Page - Analog Devices AD9821 Datasheet HTML 2Page - Analog Devices AD9821 Datasheet HTML 3Page - Analog Devices AD9821 Datasheet HTML 4Page - Analog Devices AD9821 Datasheet HTML 5Page - Analog Devices AD9821 Datasheet HTML 6Page - Analog Devices AD9821 Datasheet HTML 7Page - Analog Devices AD9821 Datasheet HTML 8Page - Analog Devices AD9821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD9821
Complete 12-Bit 40 MSPS
Imaging Signal Processor
FEATURES
Differential Sensor Input with 1 V p-p Input Range
0 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
Low Noise Optical Black Clamp Circuit
Analog Preblanking Function
12-Bit 40 MSPS A/D Converter (ADC)
3-Wire Serial Digital Interface
3 V Single-Supply Operation
Low Power: 150 mW @ 3 V Supply
48-Lead LQFP Package
APPLICATIONS
Digital Still Cameras Using CMOS Imagers
Industrial/Scientific Imaging
FUNCTIONAL BLOCK DIAGRAM
DATACLK
BAND GAP
REFERENCE
DOUT
VIN+
PBLK
VRT
VRB
0dB ~ 36dB
AVDD
DVDD
DVSS
AVSS
DRVDD
DRVSS
10
8
DIGITAL
INTERFACE
SDATA
SCK
SL
CLPOB
12
VGA
CLP
AD9821
INTERNAL
REGISTERS
12-BIT
ADC
BLK CLAMP
LEVEL
VIN–
BYP1
SHA
+
–
GENERAL DESCRIPTION
The AD9821 is a complete analog signal processor for imaging
applications that do not require Correlated Double Sampling
(CDS). It features a 40 MHz single-channel architecture designed
to sample and condition the outputs of CMOS imagers and CCD
arrays already containing on-chip CDS. The AD9821’s signal
chain consists of a differential input sample-and-hold amplifier
(SHA), digitally controlled variable gain amplifier (VGA), black
level clamp, and a 12-bit ADC.
The internal registers are programmed through a 3-wire serial
digital interface. Programmable features include gain adjust-
ment, black level adjustment, and power-down modes.
The AD9821 operates from a single 3 V power supply, typically
dissipates 150 mW, and is packaged in a 48-lead LQFP.


Similar Part No. - AD9821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
More results

Similar Description - AD9821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826 AD-AD9826 Datasheet
159Kb / 20P
Complete 16-Bit Imaging Signal Processor
AD9840A AD-AD9840A Datasheet
162Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV.0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com