Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9821 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9821
Description  Complete 12-Bit 40 MSPS Imaging Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9821 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9821 Datasheet HTML 6Page - Analog Devices AD9821 Datasheet HTML 7Page - Analog Devices AD9821 Datasheet HTML 8Page - Analog Devices AD9821 Datasheet HTML 9Page - Analog Devices AD9821 Datasheet HTML 10Page - Analog Devices AD9821 Datasheet HTML 11Page - Analog Devices AD9821 Datasheet HTML 12Page - Analog Devices AD9821 Datasheet HTML 13Page - Analog Devices AD9821 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
–10–
AD9821
REGISTER DETAILS
Table II. Operation Register Contents (Default Value x000)
Optical Black Clamp
Reset
Power-Down Modes
Channel Selection
D10
D9
D8
D7
D6
D5
D4
D3 D2
D1 D0
0
1
0
1
0
1
1
2
0
1
0
Enable Clamping
0 Normal
0
0
Normal Power
0
0 Test Only
1
Disable Clamping
1 Reset All Registers
0
1
Test Only
0
1 Test Only
to Default
1
0
Ref-Standby
1
0 Test Only
11
Total Power-Down
1
1 Imager Mode
NOTES
1Must be set to 0.
2Set to 1.
Table III. VGA Gain Register Contents (Default Value x000)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain (dB)
X0
0
000000000.0
••
••
••
11
11111110
35.965
11
11111111
36.0
Table IV. Clamp Level Register Contents (Default Value x080)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Clamp Level (LSB)
X
XX
0000
0
000
0
0000
0
001
1
0000
0
010
2
••
••
••
11111110
254
11111111
255
Table V. Control Register Contents (Default Value x000)
DATACLK Polarity
CLPOB/PBLK Polarity
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X0
*
0
*
0
*
0 Sample on Rising Edge
0 Active Low
0
*
0
*
0
*
0
*
0
*
1 Sample on Falling Edge
1 Active High
*Must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com