Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9821 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9821
Description  Complete 12-Bit 40 MSPS Imaging Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9821 Datasheet(HTML) 3 Page - Analog Devices

  AD9821 Datasheet HTML 1Page - Analog Devices AD9821 Datasheet HTML 2Page - Analog Devices AD9821 Datasheet HTML 3Page - Analog Devices AD9821 Datasheet HTML 4Page - Analog Devices AD9821 Datasheet HTML 5Page - Analog Devices AD9821 Datasheet HTML 6Page - Analog Devices AD9821 Datasheet HTML 7Page - Analog Devices AD9821 Datasheet HTML 8Page - Analog Devices AD9821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
AD9821
–3–
IMAGER-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
POWER CONSUMPTION
150
mW
See TPC 1 for Power vs. Sample Rate
MAXIMUM CLOCK RATE
40
MHz
ANALOG INPUTS (VIN+, VIN–)
Input Common-Mode Range
*
0
1.8
V
Linear operating range for VIN+, VIN–
Max Input Amplitude
*
1.0
V p-p
Defined as VIN+ minus VIN–
Max Optical Black Pixel Amplitude
*
±30
mV
For stable Clamp at max VGA gain
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
See Figure 11 for VGA Gain Curve
Min Gain (VGA Gain Code 00)
0
dB
Max Gain (VGA Gain Code 1023)
36
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC Output
Min Clamp Level
0
LSB
Max Clamp Level
255
LSB
SYSTEM PERFORMANCE
Specifications Include Entire Signal Chain
Gain Accuracy
Min Gain
–1
0
+1
dB
Max Gain
34.5
35.5
36.5
dB
Peak Nonlinearity, 500 mV Input
0.3
%
12 dB Gain Applied
Total Output Noise
0.5
LSB rms
AC Grounded Input, 6 dB Gain Applied
Power Supply Rejection (PSR)
40
dB
Measured with Step Change on Supply
POWER-UP RECOVERY TIME
Normal Clock Signals Applied
Reference Standby Mode
1
ms
Total Power-Down Mode
3
ms
Power-Off Condition
10
ms
*Input Signal Characteristics defined as follows:
30mV MAX
OB PIXEL
1V p-p MAX
INPUT SIGNAL RANGE
VIN+
VIN–
GND
+1.8V
INPUT
CM RANGE
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 40 MHz, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com