Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860DP Datasheet(PDF) 33 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 33 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 29Page - Motorola, Inc MPC860DP Datasheet HTML 30Page - Motorola, Inc MPC860DP Datasheet HTML 31Page - Motorola, Inc MPC860DP Datasheet HTML 32Page - Motorola, Inc MPC860DP Datasheet HTML 33Page - Motorola, Inc MPC860DP Datasheet HTML 34Page - Motorola, Inc MPC860DP Datasheet HTML 35Page - Motorola, Inc MPC860DP Datasheet HTML 36Page - Motorola, Inc MPC860DP Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
33
Bus Signal Timing
Figure 9-21. Asynchronous External Master—Control Signals Negation Timing
Table 9-7 provides interrupt timing for the MPC860.
Figure 9-22 provides the interrupt detection timing for the external level-sensitive lines.
Figure 9-22. Interrupt Detection Timing for External Level Sensitive Lines
Figure 9-23 provides the interrupt detection timing for the external edge-sensitive lines.
Table 9-7. Interrupt Timing
Num
Characteristic 1
1 The timings I39 and I40 describe the testing conditions under which the IRQ lines are tested when being defined as
level sensitive. The IRQ lines are synchronized internally and do not have to be asserted or negated with reference
to the CLKOUT.
The timings I41, I42, and I43 are specified to allow the correct function of the IRQ lines detection circuitry, and has
no direct relation with the total system interrupt latency that the MPC860 is able to support.
All Frequencies
Unit
Min
Max
I39
IRQx valid to CLKOUT rising edge (setup time)
6.00
—
ns
I40
IRQx hold time after CLKOUT
2.00
—
ns
I41
IRQx pulse width low
3.00
—
ns
I42
IRQx pulse width high
3.00
—
ns
I43
IRQx edge-to-edge time
4
× TCLOCKOUT
——
AS
CSx, WE[0:3],
OE, GPLx,
BS[0:3]
B43
CLKOUT
IRQx
I39
I40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com