Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860DP Datasheet(PDF) 14 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 10Page - Motorola, Inc MPC860DP Datasheet HTML 11Page - Motorola, Inc MPC860DP Datasheet HTML 12Page - Motorola, Inc MPC860DP Datasheet HTML 13Page - Motorola, Inc MPC860DP Datasheet HTML 14Page - Motorola, Inc MPC860DP Datasheet HTML 15Page - Motorola, Inc MPC860DP Datasheet HTML 16Page - Motorola, Inc MPC860DP Datasheet HTML 17Page - Motorola, Inc MPC860DP Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
14
MPC860 Family Hardware Specifications
MOTOROLA
Bus Signal Timing
The timing for the MPC860 bus shown assumes a 50-pF load for maximum delays and a
0-pF load for minimum delays.
Table 9-6. Bus Operation Timings
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
B1
CLKOUT period
30.30
30.30
25.00
30.30
20.00
30.30
15.15
30.30
ns
B1a
EXTCLK to CLKOUT phase skew
(EXTCLK > 15 MHz and MF <= 2)
–0.90
0.90
–0.90
0.90
–0.90
0.90
–0.90
0.90
ns
B1b
EXTCLK to CLKOUT phase skew
(EXTCLK > 10 MHz and MF < 10)
–2.30
2.30
–2.30
2.30
–2.30
2.30
–2.30
2.30
ns
B1c
CLKOUT phase jitter (EXTCLK >
15 MHz and MF <= 2) 1
–0.60
0.60
–0.60
0.60
–0.60
0.60
–0.60
0.60
ns
B1d
CLKOUT phase jitter1
–2.00
2.00
–2.00
2.00
–2.00
2.00
–2.00
2.00
ns
B1e
CLKOUT frequency jitter (MF < 10) 1
—
0.50
—
0.50
—
0.50
—
0.50
%
B1f
CLKOUT frequency jitter (10 < MF
< 500) 1
—
2.00
—
2.00
—
2.00
—
2.00
%
B1g
CLKOUT frequency jitter (MF > 500) 1
—
3.00
—
3.00
—
3.00
—
3.00
%
B1h
Frequency jitter on EXTCLK 2
—
0.50
—
0.50
—
0.50
—
0.50
%
B2
CLKOUT pulse width low
12.12
—
10.00
—
8.00
—
6.06
—
ns
B3
CLKOUT width high
12.12
—
10.00
—
8.00
—
6.06
—
ns
B4
CLKOUT rise time 3
—
4.00
—
4.00
—
4.00
—
4.00
ns
B533
CLKOUT fall time3
—
4.00
—
4.00
—
4.00
—
4.00
ns
B7
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3)
invalid
7.58
—
6.25
—
5.00
—
3.80
—
ns
B7a
CLKOUT to TSIZ(0:1), REG, RSV,
AT(0:3), BDIP, PTR invalid
7.58
—
6.25
—
5.00
—
3.80
—
ns
B7b
CLKOUT to BR, BG, FRZ, VFLS(0:1),
VF(0:2) IWP(0:2), LWP(0:1), STS
invalid 4
7.58
—
6.25
—
5.00
—
3.80
—
ns
B8
CLKOUT to A(0:31), BADDR(28:30)
RD/WR, BURST, D(0:31), DP(0:3)
valid
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B8a
CLKOUT to TSIZ(0:1), REG, RSV,
AT(0:3) BDIP, PTR valid
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B8b
CLKOUT to BR, BG, VFLS(0:1),
VF(0:2), IWP(0:2), FRZ, LWP(0:1),
STS valid 4
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B9
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3),
TSIZ(0:1), REG, RSV, AT(0:3), PTR
High-Z
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com