Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860DP Datasheet(PDF) 45 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 45 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 41Page - Motorola, Inc MPC860DP Datasheet HTML 42Page - Motorola, Inc MPC860DP Datasheet HTML 43Page - Motorola, Inc MPC860DP Datasheet HTML 44Page - Motorola, Inc MPC860DP Datasheet HTML 45Page - Motorola, Inc MPC860DP Datasheet HTML 46Page - Motorola, Inc MPC860DP Datasheet HTML 47Page - Motorola, Inc MPC860DP Datasheet HTML 48Page - Motorola, Inc MPC860DP Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
45
IDMA Controller AC Electrical Specifications
Figure 11-41. PIP TX (Pulse Mode) Timing Diagram
Figure 11-42. Parallel I/O Data-In/Data-Out Timing Diagram
11.2 IDMA Controller AC Electrical Specifications
Table 11-14 provides the IDMA controller timings as shown in Figure 11-43 through
Figure 11-46.
Table 11-14. IDMA Controller Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
40
DREQ setup time to clock high
7
—
ns
41
DREQ hold time from clock high
3
—
ns
42
SDACK assertion delay from clock high
—
12
ns
DATA-OUT
24
26
25
STBO
(Output)
STBI
(Input)
23
CLKO
DATA-IN
29
31
30
DATA-OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com