Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860DP Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 5Page - Motorola, Inc MPC860DP Datasheet HTML 6Page - Motorola, Inc MPC860DP Datasheet HTML 7Page - Motorola, Inc MPC860DP Datasheet HTML 8Page - Motorola, Inc MPC860DP Datasheet HTML 9Page - Motorola, Inc MPC860DP Datasheet HTML 10Page - Motorola, Inc MPC860DP Datasheet HTML 11Page - Motorola, Inc MPC860DP Datasheet HTML 12Page - Motorola, Inc MPC860DP Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
9
DC Characteristics
Part VI DC Characteristics
Table 6-5 provides the DC electrical characteristics for the MPC860.
Table 6-5. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating Voltage at 40 MHz or Less
VDDH, VDDL, VDDSYN
3.0
3.6
V
KAPWR
(power-down mode)
2.0
3.6
V
KAPWR
(all other operating modes)
VDDH – 0.4
VDDH
V
Operating Voltage Greater than 40 MHz
VDDH, VDDL, KAPWR,
VDDSYN
3.135
3.465
V
KAPWR
(power-down mode)
2.0
3.6
V
KAPWR
(all other operating modes)
VDDH – 0.4
VDDH
V
Input High Voltage (All Inputs Except EXTAL
and EXTCLK)
VIH
2.0
5.5
V
Input Low Voltage
VIL
GND
0.8
V
EXTAL, EXTCLK Input High Voltage
VIHC
0.7
× (VDDH)VDDH + 0.3
V
Input Leakage Current, Vin = 5.5 V (Except
TMS, TRST, DSCK, and DSDI Pins)
Iin
—
100
µA
Input Leakage Current, Vin = 3.6 V (Except
TMS, TRST, DSCK, and DSDI Pins)
IIn
—10
µA
Input Leakage Current, Vin = 0 V (Except
TMS, TRST, DSCK, and DSDI Pins)
IIn
—10
µA
Input Capacitance 1
1 Input capacitance is periodically sampled.
Cin
—20
pF
Output High Voltage, IOH = –2.0 mA,
VDDH = 3.0 V (Except XTAL, XFC, and Open
Drain Pins)
VOH
2.4
—
V
Output Low Voltage
IOL = 2.0 mA, CLKOUT
IOL = 3.2 mA 2
IOL = 5.3 mA 3
IOL = 7.0 mA, TXD1/PA14, TXD2/PA12
IOL = 8.9 mA, TS, TA, TEA, BI, BB,
HRESET, SRESET
VOL
—
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com