Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860DP Datasheet(PDF) 38 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 38 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 34Page - Motorola, Inc MPC860DP Datasheet HTML 35Page - Motorola, Inc MPC860DP Datasheet HTML 36Page - Motorola, Inc MPC860DP Datasheet HTML 37Page - Motorola, Inc MPC860DP Datasheet HTML 38Page - Motorola, Inc MPC860DP Datasheet HTML 39Page - Motorola, Inc MPC860DP Datasheet HTML 40Page - Motorola, Inc MPC860DP Datasheet HTML 41Page - Motorola, Inc MPC860DP Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
38
MPC860 Family Hardware Specifications
MOTOROLA
Bus Signal Timing
Figure 9-29 provides the input timing for the debug port clock.
Figure 9-29. Debug Port Clock Input Timing
Figure 9-30 provides the timing for the debug port.
Figure 9-30. Debug Port Timings
Table 9-10. Debug Port Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
P61
DSCK cycle time
3
× TCLOCKOUT
——
P62
DSCK clock pulse width
1.25
× TCLOCKOUT
——
P63
DSCK rise and fall times
0.00
3.00
ns
P64
DSDI input data setup time
8.00
—
ns
P65
DSDI data hold time
5.00
—
ns
P66
DSCK low to DSDO data valid
0.00
15.00
ns
P67
DSCK low to DSDO invalid
0.00
2.00
ns
DSCK
D61
D61
D63
D62
D62
D63
DSCK
DSDI
DSDO
D64
D65
D66
D67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com