Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2957 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2957
Description  5V Low-Dropout Regulator for P Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2957 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2957 Datasheet HTML 1Page - National Semiconductor (TI) LP2957 Datasheet HTML 2Page - National Semiconductor (TI) LP2957 Datasheet HTML 3Page - National Semiconductor (TI) LP2957 Datasheet HTML 4Page - National Semiconductor (TI) LP2957 Datasheet HTML 5Page - National Semiconductor (TI) LP2957 Datasheet HTML 6Page - National Semiconductor (TI) LP2957 Datasheet HTML 7Page - National Semiconductor (TI) LP2957 Datasheet HTML 8Page - National Semiconductor (TI) LP2957 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 6V, IL = 1 mA, CL = 2.2 µF, VSD = 3V.
Symbol
Parameter
Conditions
Typical
LP2957AI
LP2957I
Units
Min
Max
Min
Max
e
n
Output Noise Voltage
C
L = 2.2 µF
500
µV
RMS
(10 Hz to 100 kHz)
I
L = 100 mA
C
L = 33 µF
320
SHUTDOWN INPUT
V
SD (ON)
Output Turn-On
1.155
1.305
1.155
1.305
V
Threshold Voltage
1.140
1.320
1.140
1.320
HYST
Hysteresis
6
mV
I
B
Input Bias
V
IN(SD) = 0V to 5V
10
−30
30
−30
30
nA
Current
−50
50
−50
50
DROPOUT DETECTION COMPARATOR
I
OH
Output “HIGH”
V
OH = 30V
0.01
1
1
µA
Leakage
22
V
OL
Output “LOW”
V
IN = 4V
150
250
250
mV
Voltage
I
O(COMP) = 400 µA
400
400
V
THR
Upper Threshold
(Note 8)
−240
−320
−150
−320
−150
mV
(Max)
Voltage
−380
−100
−380
−100
V
THR
Lower Threshold
(Note 8)
−350
−450
−230
−450
−230
mV
(Min)
Voltage
−640
−160
−640
−160
HYST
Hysteresis
(Note 8)
60
mV
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice outside of its rated operating conditions.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, T J(MAX), the junction-to-ambient thermal resistance, θ JA,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The junction-to-ambient
thermal resistance of the TO-220 (without heatsink) is 60˚C/W and 73˚C/W for the TO-263. If the TO-263 package is used, the thermal resistance can be reduced
by increasing the P.C. board copper area thermally connected to the package: Using 0.5 Square inches of copper area,
θ JA is 50˚C/W, with 1 square inch of copper
area,
θJA is 37˚C/W; and with 1.6 or more square inches of copper area, θ JA is 32˚C/W. The junction-to-case thermal resistance is 3˚C/W. If an external heatsink is
used, the effective junction-to-ambient thermal resistance is the sum of the junction-to-case resistance (3˚C/W), the specified thermal resistance of the heatsink se-
lected, and the thermal resistance of the interface between the heatsink and the LP2957 (see Application Hints).
Note 3: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 4: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested separately for load regulation in the load ranges
0.1 mA–1 mA and 1 mA–250 mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 5: Dropout voltage is defined as the input to output voltage differential at which the output voltage drops 100 mV below the value measured with a 1V input
to output differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus the ground pin current.
Note 7: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation ef-
fects. Specifications are for a 200 mA load pulse at VIN = 20V (3W pulse) for T = 10 ms.
Note 8: Voltages are referenced to the nominal regulated output voltage.
Note 9: When used in dual-supply systems where the regulator load is returned to a negative supply, the output voltage must be diode-clamped to ground.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com