Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2957 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2957
Description  5V Low-Dropout Regulator for P Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2957 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP2957 Datasheet HTML 4Page - National Semiconductor (TI) LP2957 Datasheet HTML 5Page - National Semiconductor (TI) LP2957 Datasheet HTML 6Page - National Semiconductor (TI) LP2957 Datasheet HTML 7Page - National Semiconductor (TI) LP2957 Datasheet HTML 8Page - National Semiconductor (TI) LP2957 Datasheet HTML 9Page - National Semiconductor (TI) LP2957 Datasheet HTML 10Page - National Semiconductor (TI) LP2957 Datasheet HTML 11Page - National Semiconductor (TI) LP2957 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application Hints (Continued)
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R(Max). This is calculated
by using the formula:
T
R(Max) = TJ(Max) − T A(Max)
where: T
J(Max) is the maximum allowable junction tem-
perature
T
A(Max) is the maximum ambient temperature
Using the calculated values for T
R(Max) and P(Max), the re-
quired value for junction-to-ambient thermal resistance,
θ
(JA)
, can now be found:
θ
(JA) = TR(Max)/P(Max)
If the calculated value is 60˚C/W or higher , the regulator
may be operated without an external heatsink. If the calcu-
lated value is below 60˚C/W, an external heatsink is re-
quired. The required thermal resistance for this heatsink,
θ
(HA), can be calculated using the formula:
θ
(HA) = θ(JA) − θ (JC) − θ(CH)
where:
θ
(JC) is the junction-to-case thermal resistance, which is
specified as 3˚C/W for the LP2957.
θ
(CH) is the case-to-heatsink thermal resistance, which is de-
pendent on the interfacing material (see
Table 1 and Table
2).
Typical TO-220 Case-To-Heatsink
Thermal Resistance in ˚C/W
TABLE 1. (From AAVID)
Silicone Grease
1.0
Dry Interface
1.3
Mica with Grease
1.4
TABLE 2. (From Thermalloy)
Thermasil III
1.3
Thermasil II
1.5
Thermalfilm (0.002)
2.2
with Grease
θ
(HA) is the heatsink-to-ambient thermal resistance. It is this
specification (listed on the heatsink manufacturers data
sheet) which defines the effectiveness of the heatsink. The
heatsink selected must have a thermal resistance which is
equal to or lower than the value of
θ
(HA)calculated from the
above listed formula.
ERROR COMPARATOR
This comparator produces a logic “LOW” whenever the out-
put falls out of regulation by more than about 5%. This figure
results from the comparator’s built-in offset of 60 mV divided
by the 1.23V reference. An out-of-regulation condition can
result from low input voltage, current limiting, or thermal lim-
iting.
Figure 2 gives a timing diagram showing the relationship be-
tween the output voltage, the ERROR output, and input volt-
age as the input voltage is ramped up and down to the regu-
lator without snap-on/snap-off output. The ERROR signal
becomes low at about 1.3V input. It goes high at about 5V in-
put, where the output equals 4.75V. Since the dropout volt-
age is load dependent, the input voltage trip points will vary
with load current. The output voltage trip point does not
vary.
The comparator has an open-collector output which requires
an external pull-up resistor. This resistor may be connected
to the regulator output or some other supply voltage. Using
the regulator output prevents an invalid “HIGH” on the com-
parator output which occurs if it is pulled up to an external
voltage while the regulator input voltage is reduced below
1.3V. In selecting a value for the pull-up resistor, note that
while the output can sink 400 µA, this current adds to battery
drain. Suggested values range from 100k to 1 M
Ω. The re-
sistor is not required if the output is unused.
DS011340-7
PTOTAL = (VIN − 5)I L +(VIN)IG
*See EXTERNAL CAPACITORS
FIGURE 1. Basic 5V Regulator Circuit
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com