Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2957 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2957
Description  5V Low-Dropout Regulator for P Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2957 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2957 Datasheet HTML 1Page - National Semiconductor (TI) LP2957 Datasheet HTML 2Page - National Semiconductor (TI) LP2957 Datasheet HTML 3Page - National Semiconductor (TI) LP2957 Datasheet HTML 4Page - National Semiconductor (TI) LP2957 Datasheet HTML 5Page - National Semiconductor (TI) LP2957 Datasheet HTML 6Page - National Semiconductor (TI) LP2957 Datasheet HTML 7Page - National Semiconductor (TI) LP2957 Datasheet HTML 8Page - National Semiconductor (TI) LP2957 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP2957/LP2957A
5V Low-Dropout Regulator for µP Applications
General Description
The LP2957 is a 5V micropower voltage regulator with elec-
tronic shutdown, error flag, very low quiescent current
(150 µA typical at 1 mA load), and very low dropout voltage
(470 mV typical at 250 mA load current).
Output can be wired for snap-on/snap-off operation to elimi-
nate transition voltage states where µP operation may be un-
predictable.
Output crowbar (50 mA typical pull-down current) will bring
down the output quickly when the regulator snaps off or
when the shutdown function is activated.
The part has tight line and load regulation (0.04% typical)
and low output temperature coefficient (20 ppm/˚C typical).
The accuracy of the 5V output is guaranteed at room tem-
perature and over the full operating temperature range.
The LP2957 is available in the five-lead TO-220 and TO-263
packages.
Features
n 5V output within 1.4% over temperature (A grade)
n Easily programmed for snap-on/snap-off output
n Guaranteed 250 mA output current
n Extremely low quiescent current
n Low Input-Output voltage required for regulation
n Reverse battery protection
n Extremely tight line and load regulation
n Very low temperature coefficient
n Current and thermal limiting
n Error flag signals when output is out of regulation
Applications
n High-efficiency linear regulator
n Battery-powered regulator
Package Outline
Bent, Staggered Leads
5-Lead TO-220 (T)
DS011340-16
Top View
Order Number LP2957AIT or LP2957IT
See NS Package Number T05D
Plastic Surface Mount Package
5-Lead TO-263 (S)
DS011340-17
Top View
DS011340-18
Side View
Order Number LP2957AIS or LP2957IS
See NS Package Number TS5B
June 1998
© 1999 National Semiconductor Corporation
DS011340
www.national.com


Similar Part No. - LP2957

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2957 TI-LP2957 Datasheet
2Mb / 24P
5V Low-Dropout Regulator for 關P Applications
LP2957A TI-LP2957A Datasheet
2Mb / 24P
5V Low-Dropout Regulator for 關P Applications
LP2957AISX/NOPB TI-LP2957AISX/NOPB Datasheet
2Mb / 24P
5V Low-Dropout Regulator for 關P Applications
LP2957AIT TI-LP2957AIT Datasheet
2Mb / 24P
5V Low-Dropout Regulator for 關P Applications
LP2957AIT/NOPB TI-LP2957AIT/NOPB Datasheet
2Mb / 24P
5V Low-Dropout Regulator for 關P Applications
More results

Similar Description - LP2957

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1528 LINER-LT1528 Datasheet
248Kb / 12P
3A Low Dropout Regulator for Microprocessor Applications
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
5V Low Dropout Regulator
logo
Linear Technology
LT1528 LINER-LT1528_15 Datasheet
172Kb / 12P
3A Low Dropout Regulator for Microprocessor Applications
logo
Texas Instruments
LP2957 TI-LP2957_15 Datasheet
2Mb / 24P
5V Low-Dropout Regulator for 關P Applications
LP2957A TI-LP2957A_15 Datasheet
2Mb / 24P
LP2957/LP2957A 5V Low-Dropout Regulator for 關P Applications
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
5V~12V 1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com