Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2957 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2957
Description  5V Low-Dropout Regulator for P Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2957 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2957 Datasheet HTML 1Page - National Semiconductor (TI) LP2957 Datasheet HTML 2Page - National Semiconductor (TI) LP2957 Datasheet HTML 3Page - National Semiconductor (TI) LP2957 Datasheet HTML 4Page - National Semiconductor (TI) LP2957 Datasheet HTML 5Page - National Semiconductor (TI) LP2957 Datasheet HTML 6Page - National Semiconductor (TI) LP2957 Datasheet HTML 7Page - National Semiconductor (TI) LP2957 Datasheet HTML 8Page - National Semiconductor (TI) LP2957 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Operating Junction
Temperature Range
−40˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 5 Seconds)
260˚C
Power Dissipation (Note 2)
Internally Limited
Input Supply Voltage
−20V to +30V
Shutdown Input
−0.3V to +30V
ESD Rating
2 kV
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 6V, IL = 1 mA, CL = 2.2 µF, VSD = 3V.
Symbol
Parameter
Conditions
Typical
LP2957AI
LP2957I
Units
Min
Max
Min
Max
V
O
Output Voltage
5.0
4.975
5.025
4.950
5.050
V
(Note 9)
4.940
5.060
4.900
5.100
1mA
≤ I
L ≤ 250 mA
5.0
4.930
5.070
4.880
5.120
Output Voltage
Temperature
Coefficient
(Note 3)
20
100
150
ppm/˚C
Line Regulation
V
IN = 6V to 30V
0.03
0.10
0.20
%
0.20
0.40
Load Regulation
I
L = 1mAto250 mA
0.04
0.16
0.20
%
I
L = 0.1 mA to 1 mA
(Note 4)
0.20
0.30
V
IN–VO
Dropout Voltage
I
L = 1 mA
60
100
100
mV
(Note 5)
150
150
I
L = 50 mA
240
300
300
420
420
I
L = 100 mA
310
400
400
520
520
I
L = 250 mA
470
600
600
800
800
I
GND
Ground Pin Current
I
L = 1 mA
150
200
200
µA
(Note 6)
230
230
I
L = 50 mA
1.1
2
2
mA
2.5
2.5
I
L = 100 mA
3
6
6
88
I
L = 250 mA
16
28
28
33
33
I
GND
Ground Pin Current
I
L = 0
130
180
180
µA
in Shutdown (Note 6)
V
SD = 0.4V
200
200
I
GND
Ground Pin Current
V
IN = 4.5V
180
230
230
µA
at Dropout (Note 6)
I
L = 0.1 mA
250
250
I
O
Off-State Output
V
IN = 5.3V
50
30
30
mA
(Sink)
Pulldown Current
V
O = 5V, VSD = 0.4V
20
20
I
O
Output Leakage
I
(SD IN) ≥ 1 µA
3
10
10
µA
(Off)
in Shutdown
V
IN = 30V, VOUT = 0V
20
20
I
LIMIT
Current Limit
R
L = 1Ω
400
500
500
mA
530
530
Thermal Regulation
(Note 7)
0.05
0.2
0.2
%/W
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com